Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C16233CA Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C16233CA Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C16233CA
Download  PI5C16233CA Download
File Size   220.24 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit to 32-Bit Mux/Demux BusSwitch with Undershoot Protection

PI5C16233CA Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C16233CA Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C16233CA
Download  PI5C16233CA Click to download

File Size   220.24 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit to 32-Bit Mux/Demux BusSwitch with Undershoot Protection

PI5C16233CA Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C16233CA Product details

Product Description
Pericom Semiconductor’s PI5C series of logic circuits are produced using the Company’s advanced submicron CMOS technology.
The PI5C16233C is a 16-bit to 32-bit mux/demux switch. This device can be used for memory bank interleaving. The PI5C16233C can be used as two 8-bit to 16-bit multiplexers or as one 16-bit to 32-bit multiplexer.
Two select inputs (SEL1 and SEL2) control the data flow. When the TEST inputs are asserted HIGH, the A port is connected to both the B1 and the B2 ports.

Product Features
• 5Ω switch connection between two ports
• Near zero propagation delay
• -1.5V Input undershoot protection
• Fast switching speed: 5.0ns (max.)
• Ultra -low quiescent power (70µA typical)
    - ideal for notebook applications.
• Industrial operating temperature: -40ºC to 85ºC
• Package options:
    - 56-pin 240 mil wide plastic TSSOP(A)
    - 56-pin 300 mil wide plastic SSOP (V)




Similar Part No. - PI5C16233CA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
20-Bit, 2-Port Bus Switch
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
24-Bit Bus Switch
PI5C16211A PERICOM-PI5C16211A Datasheet
115Kb / 3P
24-Bit Bus Switch
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
24-Bit Bus Switch
PI5C16211K PERICOM-PI5C16211K Datasheet
115Kb / 3P
24-Bit Bus Switch
More results


Similar Description - PI5C16233CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C3125C PERICOM-PI5C3125C Datasheet
286Kb / 6P
4-Bit BusSwitch with -2V Undershoot Protection
PI5C32160C PERICOM-PI5C32160C Datasheet
263Kb / 4P
16-Bit to 32-Bit, DeMux PCI Hot-Plug Bus Switch with 1.5V Undershoot Protection
PI5C32161C PERICOM-PI5C32161C Datasheet
206Kb / 4P
16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with -2V Undershoot Protection
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
PI3B16292 PERICOM-PI3B16292 Datasheet
125Kb / 4P
3.3Volt, 24-Bit Mux/Demux BusSwitch
logo
Fairchild Semiconductor
FSTU32160 FAIRCHILD-FSTU32160_06 Datasheet
118Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
FSTU32160MTDX FAIRCHILD-FSTU32160MTDX Datasheet
124Kb / 7P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
logo
Pericom Semiconductor C...
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com