Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8703-F3 Datasheet (PDF) - NEC

PS8703-F3 Datasheet PDF - NEC
Part # PS8703-F3
Download  PS8703-F3 Download
File Size   122.81 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER

PS8703-F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS8703-F3 Datasheet PDF - NEC

Part # PS8703-F3
Download  PS8703-F3 Click to download

File Size   122.81 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs HIGH SPEED (200 kbps) ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER

PS8703-F3 Datasheet (HTML) - NEC


PS8703-F3 Product details

DESCRIPTION
The PS8703 is an optically coupled isolator containing a GaAlAs LED on the light emitting diode (input side) and a PIN photodiode and a high-speed amplifier transistor on the output side on one chip.
This is a plastic SOP (Small Out-line Package) type for high density applications.

FEATURES
• Wide operating VCC range (VCC = −0.5 to +15 V)
• High isolation voltage (BV = 2 500 Vr.m.s.)
• High-speed response (tPHL, tPLH = 5 µs MAX. (@RL = 4.1 kΩ))
• Ordering number of taping product: PS8703-F3, F4

APPLICATIONS
• Computer and peripheral manufactures
• General purpose inverter
• Substitutions for relays and pulse transformers
• Power supply




Similar Part No. - PS8703-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8703-F3 CEL-PS8703-F3 Datasheet
124Kb / 6P
ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
More results


Similar Description - PS8703-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS9714 NEC-PS9714 Datasheet
164Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8802-1 NEC-PS8802-1 Datasheet
107Kb / 3P
NECs 1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
PS9117 NEC-PS9117 Datasheet
522Kb / 10P
NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS8703 CEL-PS8703 Datasheet
124Kb / 6P
ANALOG OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9714 CEL-PS9714 Datasheet
166Kb / 7P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5 PIN SOP OPTOCOUPLER
PS8103 CEL-PS8103 Datasheet
346Kb / 12P
HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8103 RENESAS-PS8103 Datasheet
262Kb / 13P
HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com