Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9163 Datasheet (PDF) - Richtek Technology Corporation

RT9163 Datasheet PDF - Richtek Technology Corporation
Part # RT9163
Download  RT9163 Download
File Size   149.04 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR

RT9163 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9163 Datasheet PDF - Richtek Technology Corporation

Part # RT9163
Download  RT9163 Click to download

File Size   149.04 Kbytes
Page   8 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR

RT9163 Datasheet (HTML) - Richtek Technology Corporation


RT9163 Product details

General Description
The RT9163 is a positive low dropout regulator designed for applications requiring low dropout performance at full rated current. The device is available in fixed output voltage of 3.3V, 3.5V, and 5.0V. The RT9163 provides excellent regulation over line, load, and temperature variations.

Features
● Low Dropout, Maximum 1.4V at 500mA
● Fast Transient Response
● ±2% Total Output Regulation
● 0.4% Line Regulation
● 0.4% Load Regulation
● TO-92, SOT-89, SOT-223, and TO-252 Packages

Applications
● 5V to 3.3V Linear Regulator
● Low Voltage Microcontroller, DSP… etc Power Supply
● Linear Regulator for LAN Card and CD-ROM




Similar Part No. - RT9163

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
123Kb / 7P
500mA Low Dropout Positive Voltage Regulator
RT9163-33GG RICHTEK-RT9163-33GG Datasheet
123Kb / 7P
500mA Low Dropout Positive Voltage Regulator
RT9163-33GGF RICHTEK-RT9163-33GGF Datasheet
123Kb / 7P
500mA Low Dropout Positive Voltage Regulator
RT9163-33GGL RICHTEK-RT9163-33GGL Datasheet
123Kb / 7P
500mA Low Dropout Positive Voltage Regulator
RT9163-33GGT RICHTEK-RT9163-33GGT Datasheet
123Kb / 7P
500mA Low Dropout Positive Voltage Regulator
More results


Similar Description - RT9163

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
500mA Low Dropout Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
500mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
500mA Low Dropout Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com