Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1258W Datasheet (PDF) - Dallas Semiconductor

DS1258W Datasheet PDF - Dallas Semiconductor
Part # DS1258W
Download  DS1258W Download
File Size   167.31 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 128k x 16 Nonvolatile

DS1258W Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1258W Datasheet PDF - Dallas Semiconductor

Part # DS1258W
Download  DS1258W Click to download

File Size   167.31 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 128k x 16 Nonvolatile

DS1258W Datasheet (HTML) - Dallas Semiconductor


DS1258W Product details

DESCRIPTION
The DS1258W 3.3V 128k x 16 Nonvolatile SRAM is a 2,097,152-bit, fully static, nonvolatile (NV) SRAM, organized as 131,072 words by 16 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry, which constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. DIP-package DS1258W devices can be used in place of solutions which build nonvolatile 128k x 16 memory by utilizing a variety of discrete components. There is no limit on the number of write cycles that can be executed and no additional support circuitry is required for microprocessor interfacing.

FEATURES
◾ 10-Year Minimum Data Retention in the Absence of External Power
◾ Data is Automatically Protected During a Power Loss
◾ Separate Upper Byte and Lower Byte Chip Select Inputs
◾ Unlimited Write Cycles
◾ Low-Power CMOS
◾ Read and Write Access Times as Fast as 100ns
◾ Lithium Energy Source is Electrically Disconnected to Retain Freshness Until Power is Applied for the First Time
◾ Optional Industrial Temperature Range of -40°C to +85°C, Designated IND




Similar Part No. - DS1258W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1258W MAXIM-DS1258W Datasheet
205Kb / 9P
3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100 MAXIM-DS1258W-100 Datasheet
205Kb / 9P
3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100# MAXIM-DS1258W-100# Datasheet
205Kb / 9P
3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100IND MAXIM-DS1258W-100IND Datasheet
205Kb / 9P
3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258W-100IND# MAXIM-DS1258W-100IND# Datasheet
205Kb / 9P
3.3V 128k x 16 Nonvolatile SRAM
083006
More results


Similar Description - DS1258W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1212 DALLAS-DS1212 Datasheet
85Kb / 7P
Nonvolatile Controller x 16 Chip
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
128K x 16 Static RAM
October 10, 2002
logo
Dallas Semiconductor
DS1258Y DALLAS-DS1258Y Datasheet
174Kb / 8P
128k x 16 Nonvolatile SRAM
logo
Integrated Circuit Solu...
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
128K x 16 Hight Speed SRAM with 3.3V
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
logo
Integrated Silicon Solu...
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Cypress Semiconductor
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
128K x 16 Static RAM
logo
Maxim Integrated Produc...
DS1258W MAXIM-DS1258W Datasheet
205Kb / 9P
3.3V 128k x 16 Nonvolatile SRAM
083006
DS1258AB MAXIM-DS1258AB Datasheet
207Kb / 8P
128k x 16 Nonvolatile SRAM
083006
DS1212 MAXIM-DS1212 Datasheet
91Kb / 7P
Nonvolatile Controller x 16 Chip
111899
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com