Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1388 Datasheet (PDF) - Maxim Integrated Products

DS1388 Datasheet PDF - Maxim Integrated Products
Part # DS1388
Download  DS1388 Download
File Size   381.98 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM

DS1388 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1388 Datasheet PDF - Maxim Integrated Products

Part # DS1388
Download  DS1388 Click to download

File Size   381.98 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM

DS1388 Datasheet (HTML) - Maxim Integrated Products


DS1388 Product details

General Description

The DS1388 I2C real-time clock (RTC), supervisor, and EEPROM is a multifunction device that provides a clock/calendar, programmable watchdog timer, power supply monitor with reset, and 512 bytes of EEPROM. The clock provides hundredths of seconds, seconds, minutes, and hours, and operates in 24-hour or 12-hour format with an AM/PM indicator.



Features

♦Fast (400kHz) I2C Interface

♦RTC Counts Hundredths of Seconds, Seconds, Minutes, Hours, Day, Date, Month, and Year with Leap Year Compensation Valid Up to 2100

♦Programmable Watchdog Timer

♦Automatic Power-Fail Detect and Switch Circuitry

♦Reset Output with Pushbutton Reset Input Capability

♦512 x 8 Bits of EEPROM

♦Integrated Trickle-Charge Capability for Backup Supply

♦Three Operating Voltages: 5.0V, 3.3V, and 3.0V

♦Low Timekeeping Voltage Down to 1.3V

♦-40°C to +85°C Temperature Range

♦UL Recognized




Similar Part No. - DS1388

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1388 MAXIM-DS1388 Datasheet
235Kb / 19P
I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388Z-3+ MAXIM-DS1388Z-3+ Datasheet
235Kb / 19P
I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388Z-33+ MAXIM-DS1388Z-33+ Datasheet
235Kb / 19P
I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388Z-5+ MAXIM-DS1388Z-5+ Datasheet
235Kb / 19P
I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
More results


Similar Description - DS1388

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
I2C RTC with Trickle Charger
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
I2C RTC with Trickle Charger
Rev 4; 3/06
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
I2C RTC with Trickle Charger
Rev 8; 4/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com