Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1694 Datasheet (PDF) - Micro Commercial Components

2SB1694 Datasheet PDF - Micro Commercial Components
Part # 2SB1694
Download  2SB1694 Download
File Size   313.49 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Gneral Purpose Transistors

2SB1694 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1694 Datasheet PDF - Micro Commercial Components

Part # 2SB1694
Download  2SB1694 Click to download

File Size   313.49 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Gneral Purpose Transistors

2SB1694 Datasheet (HTML) - Micro Commercial Components


2SB1694 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• High DC Current Gain
• High Collector Current
• Low Collector-emitter Saturation Voltage
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 2SB1694

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1694 ROHM-2SB1694 Datasheet
67Kb / 2P
General purpose amplification (-30V, -1A)
2SB1694 ROHM-2SB1694 Datasheet
76Kb / 3P
General purpose amplification (−30V, −1A)
2SB1694 ROHM-2SB1694 Datasheet
95Kb / 3P
General purpose amplification (??0V, ??A)
logo
Jiangsu Changjiang Elec...
2SB1694 JIANGSU-2SB1694 Datasheet
604Kb / 3P
SOT-323 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SB1694 DGNJDZ-2SB1694 Datasheet
1Mb / 3P
SOT-323 Plastic-Encapsulate Transistors
More results


Similar Description - 2SB1694

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
Micro Commercial Compon...
2SA1577-P MCC-2SA1577-P Datasheet
202Kb / 2P
PNP Gneral Purpose Transistors
2SA1577-P MCC-2SA1577-P_13 Datasheet
299Kb / 2P
PNP Gneral Purpose Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com