Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846BPN Datasheet (PDF) - Micro Commercial Components

BC846BPN Datasheet PDF - Micro Commercial Components
Part # BC846BPN
Download  BC846BPN Download
File Size   600.17 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP and NPN Small Signal Transistor 200mW

BC846BPN Datasheet (PDF)

Go To PDF Page Download Datasheet
BC846BPN Datasheet PDF - Micro Commercial Components

Part # BC846BPN
Download  BC846BPN Click to download

File Size   600.17 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP and NPN Small Signal Transistor 200mW

BC846BPN Datasheet (HTML) - Micro Commercial Components




Similar Part No. - BC846BPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846BPN NXP-BC846BPN Datasheet
137Kb / 15P
65 V, 100 mA NPN/PNP general-purpose transistor
Rev. 01-17 July 2009
logo
Nexperia B.V. All right...
BC846BPN NEXPERIA-BC846BPN Datasheet
303Kb / 12P
65 V, 100 mA NPN/PNP general-purpose transistor
1 October 2022
BC846BPN-Q NEXPERIA-BC846BPN-Q Datasheet
289Kb / 13P
65 V, 100 mA NPN/PNP general-purpose transistor
9 December 2021
BC846BPNH NEXPERIA-BC846BPNH Datasheet
267Kb / 12P
65 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
BC846BPNH-Q NEXPERIA-BC846BPNH-Q Datasheet
268Kb / 12P
65 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
More results


Similar Description - BC846BPN

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
200mW, NPN Small Signal Transistor
BC807W TSC-BC807W Datasheet
553Kb / 4P
200mW, PNP Small Signal Transistor
BC817W TSC-BC817W Datasheet
350Kb / 6P
200mW, NPN Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
200mW, PNP Small Signal Transistor
BC817-16W TSC-BC817-16W_14 Datasheet
158Kb / 6P
200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
200mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BC856A MCC-BC856A_13 Datasheet
521Kb / 5P
PNP Small Signal Transistor 200mW
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
NPN Small Signal Transistor 200mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com