Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF7N80P Datasheet (PDF) - KEC(Korea Electronics)

KF7N80P Datasheet PDF - KEC(Korea Electronics)
Part # KF7N80P
Download  KF7N80P Download
File Size   403.07 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD

KF7N80P Datasheet (PDF)

Go To PDF Page Download Datasheet
KF7N80P Datasheet PDF - KEC(Korea Electronics)

Part # KF7N80P
Download  KF7N80P Click to download

File Size   403.07 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD

KF7N80P Datasheet (HTML) - KEC(Korea Electronics)


KF7N80P Product details

General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for active power factor correction and switching mode power supplies.

FEATURES
• VDSS=800V, ID=7A
• Drain-Source ON Resistance :
   RDS(ON)(Max)=1.45Ω @VGS=10V
• Qg(typ.)= 45nC




Similar Part No. - KF7N80P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF7N80P KEC-KF7N80P_15 Datasheet
402Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - KF7N80P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N53F KEC-KF5N53F Datasheet
1Mb / 6P
N CHANNEL MOS FIELD N CHANNEL MOS FIELD
KU3600N10WZ KEC-KU3600N10WZ Datasheet
1Mb / 6P
N CHANNEL TRENCH MOS FIELD
KF3N80D KEC-KF3N80D Datasheet
394Kb / 6P
N CHANNEL MOS FIELD
KF11N50P KEC-KF11N50P Datasheet
401Kb / 7P
N CHANNEL MOS FIELD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com