Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2022 Datasheet (PDF) - Maxim Integrated Products

MAX2022 Datasheet PDF - Maxim Integrated Products
Part # MAX2022
Download  MAX2022 Download
File Size   293.93 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator

MAX2022 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2022 Datasheet PDF - Maxim Integrated Products

Part # MAX2022
Download  MAX2022 Click to download

File Size   293.93 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator

MAX2022 Datasheet (HTML) - Maxim Integrated Products


MAX2022 Product details

General Description
The MAX2022 low-noise, high-linearity, direct upconversion quadrature modulator is designed for single and multicarrier 1800MHz to 2200MHz UMTS/WCDMA, cdma2000®, and DCS/PCS base-station applications. Direct upconversion architectures are advantageous since they significantly reduce transmitter cost, part count, and power consumption as compared to traditional IF-based double upconversion systems.

Features
♦ 1500MHz to 2500MHz RF Frequency Range
♦ Meets Four-Carrier WCDMA 65dBc ACLR
♦ +23.3dBm Typical OIP3
♦ +51.5dBm Typical OIP2
♦ 45.7dBc Typical Sideband Suppression
♦ -40dBm Typical LO Leakage
♦ -173.2dBm/Hz Typical Output Noise, Eliminating
   the Need for an RF Output Filter
♦ Broadband Baseband Input
♦ DC-Coupled Input Provides for Direct Launch
   DAC Interface, Eliminating the Need for Costly I/Q
   Buffer Amplifiers

Applications
   Single and Multicarrier WCDMA/UMTS Base Stations
   Single and Multicarrier cdmaOne™ and cdma2000 Base Stations
   Single and Multicarrier DCS 1800/PCS 1900 EDGE Base Stations
   PHS/PAS Base Stations
   Predistortion Transmitters
   Fixed Broadband Wireless Access
   Wireless Local Loop
   Private Mobile Radio
   Military Systems
   Microwave Links
   Digital and Spread-Spectrum Communication Systems




Similar Part No. - MAX2022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2022 MAXIM-MAX2022 Datasheet
809Kb / 15P
700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2022 MAXIM-MAX2022 Datasheet
789Kb / 14P
1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2022 MAXIM-MAX2022 Datasheet
224Kb / 8P
Evaluation Kit
Rev 0; 11/06
MAX2022 MAXIM-MAX2022 Datasheet
1Mb / 26P
High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022ETX+ MAXIM-MAX2022ETX+ Datasheet
1Mb / 26P
High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
More results


Similar Description - MAX2022

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
logo
RF Micro Devices
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
logo
Maxim Integrated Produc...
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
logo
RF Micro Devices
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Maxim Integrated Produc...
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com