Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB42N20D Datasheet (PDF) - Inchange Semiconductor Company Limited

IRFB42N20D Datasheet PDF - Inchange Semiconductor Company Limited
Part # IRFB42N20D
Download  IRFB42N20D Download
File Size   339.17 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRFB42N20D Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB42N20D Datasheet PDF - Inchange Semiconductor Company Limited

Part # IRFB42N20D
Download  IRFB42N20D Click to download

File Size   339.17 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IRFB42N20D Datasheet (HTML) - Inchange Semiconductor Company Limited


IRFB42N20D Product details

• DESCRITION
• High frequency DC-DC converters
• Uninterruptible Power Supplies

• FEATURES
• Static drain-source on-resistance: RDS(on) ≤55mΩ
• Enhancement mode
• Fast Switching Speed
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device performance and reliable operation




Similar Part No. - IRFB42N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFB42N20D IRF-IRFB42N20D Datasheet
67Kb / 6P
High frequency DC-DC converters
IRFB42N20DPBF IRF-IRFB42N20DPBF Datasheet
165Kb / 8P
HEXFET Power MOSFET
IRFB42N20DPBF IRF-IRFB42N20DPBF Datasheet
174Kb / 9P
High frequency DC-DC converters
IRFB42N20DPBF IRF-IRFB42N20DPBF_15 Datasheet
174Kb / 9P
High frequency DC-DC converters
More results


Similar Description - IRFB42N20D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com