Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT449 Datasheet (PDF) - Micro Commercial Components

FMMT449 Datasheet PDF - Micro Commercial Components
Part # FMMT449
Download  FMMT449 Download
File Size   239.86 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Planar High Performance Transistor

FMMT449 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT449 Datasheet PDF - Micro Commercial Components

Part # FMMT449
Download  FMMT449 Click to download

File Size   239.86 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Planar High Performance Transistor

FMMT449 Datasheet (HTML) - Micro Commercial Components


FMMT449 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
    RoHS Compliant. See ordering information)
• Thermal Resistance From Junction To Ambient:625 °C/W
• Collector current: Ic=1A
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking:449
   




Similar Part No. - FMMT449

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT449 ZETEX-FMMT449 Datasheet
120Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT449 FAIRCHILD-FMMT449 Datasheet
194Kb / 6P
NPN Low Saturation Transistor
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
logo
Guangdong Kexin Industr...
FMMT449 KEXIN-FMMT449 Datasheet
36Kb / 1P
Medium Power Transistor
logo
Diodes Incorporated
FMMT449 DIODES-FMMT449 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
More results


Similar Description - FMMT449

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT455 ZETEX-FMMT455 Datasheet
136Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT653 ZETEX-FZT653 Datasheet
96Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT655 ZETEX-FZT655 Datasheet
90Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GL156 GTM-GL156 Datasheet
292Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
GM156 GTM-GM156 Datasheet
264Kb / 2P
NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT653 KEXIN-FZT653 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
FZT649 KEXIN-FZT649 Datasheet
38Kb / 2P
NPN Silicon Planar High Performance Transistor
logo
Micro Commercial Compon...
FMMT491 MCC-FMMT491 Datasheet
241Kb / 3P
NPN Silicon Planar High Performance Transistor
FMMT618 MCC-FMMT618 Datasheet
442Kb / 4P
NPN Silicon Planar High Performance Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com