Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5550 Datasheet (PDF) - Micro Commercial Components

MMBT5550 Datasheet PDF - Micro Commercial Components
Part # MMBT5550
Download  MMBT5550 Download
File Size   232.28 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic Encapsulate Transistor

MMBT5550 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT5550 Datasheet PDF - Micro Commercial Components

Part # MMBT5550
Download  MMBT5550 Click to download

File Size   232.28 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic Encapsulate Transistor

MMBT5550 Datasheet (HTML) - Micro Commercial Components


MMBT5550 Product details

Features
•  Halogen free available upon request by adding suffix "-HF"
• Collector Current: ICM=0.6A
• Collector-Base Voltage: V(BR)CBO=160V
• Operating And Storage Temperatures –55°C to 150°C
• Capable of 225mWatts of Power Dissipation
• Marking: M1F
•  Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisure Sensitivity Level 1




Similar Part No. - MMBT5550

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Weitron Technology
MMBT5550 WEITRON-MMBT5550 Datasheet
321Kb / 5P
High Voltage NPN Transistors
logo
Diotec Semiconductor
MMBT5550 DIOTEC-MMBT5550 Datasheet
98Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results


Similar Description - MMBT5550

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com