Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM600 Datasheet (PDF) - Microsemi Corporation

SM600 Datasheet PDF - Microsemi Corporation
Part # SM600
Download  SM600 Download
File Size   66.45 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SWITCHING REGULATOR POWER OUTPUT STAGES

SM600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM600 Datasheet PDF - Microsemi Corporation

Part # SM600
Download  SM600 Click to download

File Size   66.45 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SWITCHING REGULATOR POWER OUTPUT STAGES

SM600 Datasheet (HTML) - Microsemi Corporation


SM600 Product details

DESCRIPTION

The SM600/601/602 and SM610/611/612 series of Power Output Stages are especially designed to be driven with standard PWM integrated circuits to form an efficient switching power supply. The SM600, SM601 and SM602 are optimized for non-isolated Buck and Buck-Boost application, where SM610, SM611 and SM612 are best suited for DC-DC Boost type applications as well as negative output Buck Converters. The hybrid circuit construction utilizes thick film resistors on a beryllia substrate for maximum thermal conductivity and resultant low thermal impedance.

All of the active elements in the hybrid are fully passivated.



FEATURES

• Equivalent to the Unitrode PIC 600, 601, 602, 610, 611, 612

• 5A current capability

• Designed and characterized for switching regulator applications such as Buck, Boost, and Buck-Boost

type

• Cost saving design reduces size, improves efficiency, reduces noise and RFI

• High operating efficiency at 2A typical performance

   Rise and fall time < 75ns

   Efficiency > 85%

• Electrically isolated, 4-pin, TO-66 hermetic case



HIGH RELIABILITY FEATURES

♦ Available with high reliability processing




Similar Part No. - SM600

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM600 SUNMATE-SM600 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-110 SUNMATE-SM600-110 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-150 SUNMATE-SM600-150 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-160 SUNMATE-SM600-160 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
logo
Powerbox
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
6000 WATTS PROGRAMMABLE DC SUPPLY
More results


Similar Description - SM600

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
Low Power Fast Switching Output Stages
logo
Sanken electric
STRS6513 SANKEN-STRS6513 Datasheet
72Kb / 6P
OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
logo
Allegro MicroSystems
STRM6511 ALLEGRO-STRM6511 Datasheet
72Kb / 6P
OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT
logo
Micro Electronics
SM627 MICRO-ELECTRONICS-SM627 Datasheet
56Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Rohm
BA6149LS ROHM-BA6149LS Datasheet
146Kb / 2P
6-OUTPUT SWITCHING REGULATOR
logo
Microsemi Corporation
SM645 MICROSEMI-SM645 Datasheet
56Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
Fairchild Semiconductor
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
Suitable for AF-Driver stages and low power output stages
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
For AF driver and output stages
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com