Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF40.241 Datasheet (PDF) - PULS GmbH

UF40.241 Datasheet PDF - PULS GmbH
Part # UF40.241
Download  UF40.241 Download
File Size   569.14 Kbytes
Page   18 Pages
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH
Description 24V, 40A, 160MS, BUFFER MODULE

UF40.241 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF40.241 Datasheet PDF - PULS GmbH

Part # UF40.241
Download  UF40.241 Click to download

File Size   569.14 Kbytes
Page   18 Pages
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH
Description 24V, 40A, 160MS, BUFFER MODULE

UF40.241 Datasheet (HTML) - PULS GmbH




Similar Part No. - UF40.241

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Jinan Gude Electronic D...
UF4001 JGD-UF4001 Datasheet
160Kb / 2P
1.0 AMP. ULTRA FAST RECTIFIERS
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001 Datasheet
38Kb / 3P
1.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Dc Components
UF4001 DCCOM-UF4001 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF ULTRA FAST RECTIFIER
logo
General Semiconductor
UF4001 GE-UF4001 Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results


Similar Description - UF40.241

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8951380000 WEIDMULLER-8951380000 Datasheet
101Kb / 4P
CP M SNT 1000W 24V 40A
logo
Powerbox
DRU-24V40ABN POWERBOX-DRU-24V40ABN Datasheet
388Kb / 2P
DC-UPS MODULE DIN RAIL 24V 40A
logo
PULS GmbH
QS40.244 PULS-QS40.244 Datasheet
855Kb / 28P
24V, 40A, SINGLE PHASE INPUT
QS40.241 PULS-QS40.241 Datasheet
827Kb / 28P
24V, 40A, SINGLE PHASE INPUT
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
BATTERY MODULE 24V, 7AH
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
40A DC UPS Module
logo
PULS GmbH
UF20.241 PULS-UF20.241 Datasheet
543Kb / 18P
24V, 20A, 200MS, BUFFER MODULE
logo
Mean Well Enterprises C...
DBUF20-24 MEANWELL-DBUF20-24 Datasheet
184Kb / 7P
24V/20A DIN Rail Type Buffer Module
DBUF40-24 MEANWELL-DBUF40-24 Datasheet
190Kb / 7P
24V/40A DIN Rail Type Buffer Module
DUPS40 MEANWELL-DUPS40 Datasheet
203Kb / 5P
24V/40A DIN Rail Type Uninterruptible DC-UPS Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com