Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5415 Datasheet (PDF) - Analog Devices

AD5415 Datasheet PDF - Analog Devices
Part # AD5415
Download  AD5415 Download
File Size   868.95 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface

AD5415 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5415 Datasheet PDF - Analog Devices

Part # AD5415
Download  AD5415 Click to download

File Size   868.95 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Serial Interface

AD5415 Datasheet (HTML) - Analog Devices


AD5415 Product details

GENERAL DESCRIPTION
The AD54151 is a CMOS, 12-bit, dual-channel, current output digital-to-analog converter. This device operates from a 2.5 V to 5.5 V power supply, making it suited to battery-powered applications and other applications.

FEATURES
    10 MHz multiplying bandwidth
    On-chip 4-quadrant resistors allow flexible output ranges
    INL of ±1 LSB
    24-lead TSSOP package
    2.5 V to 5.5 V supply operation
    ±10 V reference input
    50 MHz serial interface
    2.47 MSPS update rate
    Extended temperature range: −40°C to 125°C
    4-quadrant multiplication
    Power-on reset
    0.5 μA typical current consumption
    Guaranteed monotonic
    Daisy-chain mode
    Readback function

APPLICATIONS
    Portable battery-powered applications
    Waveform generators
    Analog processing
    Instrumentation applications
    Programmable amplifiers and attenuators
    Digitally controlled calibration
    Programmable filters and oscillators
    Composite video
    Ultrasound
    Gain, offset, and voltage trimming




Similar Part No. - AD5415

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5415 AD-AD5415 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5415 AD-AD5415 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5415 AD-AD5415 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5415 AD-AD5415 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5415 AD-AD5415 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results


Similar Description - AD5415

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5405 AD-AD5405 Datasheet
925Kb / 24P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
7/04-Revision 0
AD5425 AD-AD5425 Datasheet
417Kb / 20P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV.0
AD5452W AD-AD5452W Datasheet
500Kb / 24P
12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425YRMZ AD-AD5425YRMZ Datasheet
618Kb / 25P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5405YCPZ AD-AD5405YCPZ Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5405 AD-AD5405_15 Datasheet
794Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5405 AD-AD5405_18 Datasheet
836Kb / 24P
Dual 12-Bit, High Bandwidth, Multiplying DAC
7/2018-Rev. C to Rev. D
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
Dual 12-Bit, High Bandwidth, Multiplying DAC
12/15-Rev. E to Rev. F
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
1/16-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com