Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6718 Datasheet (PDF) - Micro Commercial Components

2N6718 Datasheet PDF - Micro Commercial Components
Part # 2N6718
Download  2N6718 Download
File Size   307.51 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon General Purpose Transistor 625mW

2N6718 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6718 Datasheet PDF - Micro Commercial Components

Part # 2N6718
Download  2N6718 Click to download

File Size   307.51 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon General Purpose Transistor 625mW

2N6718 Datasheet (HTML) - Micro Commercial Components


2N6718 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Through Hole TO-92 Package
• Capable of 625mWatts of Power Dissipation
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - 2N6718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
2N6718 ZETEX-2N6718 Datasheet
28Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Central Semiconductor C...
2N6718 CENTRAL-2N6718 Datasheet
50Kb / 1P
Power Transistors
logo
Unisonic Technologies
2N6718 UTC-2N6718 Datasheet
100Kb / 4P
NPN GENERAL PLANAR TRANSISTOR
2N6718 UTC-2N6718 Datasheet
159Kb / 4P
NPN GENERAL PLANAR TRANSISTOR
logo
Continental Device Indi...
2N6718 CDIL-2N6718 Datasheet
141Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Similar Description - 2N6718

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2N4123 MCC-2N4123 Datasheet
747Kb / 5P
NPN Silicon General Purpose Transistor 625mW
BC546B MCC-BC546B Datasheet
1Mb / 4P
NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B_08 Datasheet
228Kb / 5P
NPN Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N4123 MCC-2N4123_11 Datasheet
321Kb / 6P
NPN Silicon General Purpose Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
NPN Silicon Amplifier Transistor 625mW
PN2222A MCC-PN2222A_10 Datasheet
241Kb / 4P
625mW NPN General Purpose Amplifier
2N4123 MCC-2N4123_13 Datasheet
382Kb / 6P
NPN Silicon General Purpose Transistor 625mW
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
NPN Silicon Amplifier Transistor 625mW
PN2222A MCC-PN2222A_15 Datasheet
446Kb / 4P
625mW NPN General Purpose Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com