Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT2907A Datasheet (PDF) - Micro Commercial Components

PZT2907A Datasheet PDF - Micro Commercial Components
Part # PZT2907A
Download  PZT2907A Download
File Size   548.71 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Plastic-Encapsulate Transistors

PZT2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
PZT2907A Datasheet PDF - Micro Commercial Components

Part # PZT2907A
Download  PZT2907A Click to download

File Size   548.71 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Plastic-Encapsulate Transistors

PZT2907A Datasheet (HTML) - Micro Commercial Components


PZT2907A Product details

Features
• Surface Mount SOT-223 Package
• Capable of 1Watts of Power Dissipation
• Ic:0.6A
• Marking:ZT2907A
• Operating and Storage Junction Temperatures:-55°C to 150°C
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS Compliant. See ordering information)




Similar Part No. - PZT2907A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
NXP Semiconductors
PZT2907A PHILIPS-PZT2907A Datasheet
46Kb / 8P
PNP switching transistor
1999 Apr 14
logo
Siemens Semiconductor G...
PZT2907A SIEMENS-PZT2907A Datasheet
127Kb / 6P
PNP Silicon Switching Transistors
logo
Fairchild Semiconductor
PZT2907A FAIRCHILD-PZT2907A Datasheet
58Kb / 6P
PNP General Purpose Amplifier
More results


Similar Description - PZT2907A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com