Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-BZL1 Datasheet (PDF) - List of Unclassifed Manufacturers

DMS-BZL1 Datasheet PDF - List of Unclassifed Manufacturers
Part # DMS-BZL1
Download  DMS-BZL1 Download
File Size   153.05 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters

DMS-BZL1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMS-BZL1 Datasheet PDF - List of Unclassifed Manufacturers

Part # DMS-BZL1
Download  DMS-BZL1 Click to download

File Size   153.05 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters

DMS-BZL1 Datasheet (HTML) - List of Unclassifed Manufacturers


DMS-BZL1 Product details

[DATEL]

3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters

The DMS-30PC Series is a broad line of self-contained, fully operational, 3½ digit voltmeters with large, easy-to-read LED displays. The 0.56"(14.2mm) high LEDs are available in a wide variety of colors including red, orange, amber, yellow, green, aqua and blue. A high-intensity version of the red display is optional as are low-power versions of the red, orange and green displays.

Features
• Large (0.56"/14.2mm) LED display
• 7 LED colors
• Low-power LED’s optional
• Epoxy-encapsulated, 12-pin DIP with built-in color filter and bezel
• Miniature size:
   2.17" x 0.92" x 0.56"
   55mm x 23mm x 14mm
• Panel or pc-board mountable
• 4 differential input voltage ranges
• Auto-calibration, ±1 count accuracy
• User-selectable decimal point placement
• Single +5V supply (60mW for low-power models)
• 0 to +60°C temperature range
• Numerous "plug-on" application boards
• Low cost




Similar Part No. - DMS-BZL1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-BZL1 ETC-DMS-BZL1 Datasheet
121Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-BZL1 ETC1-DMS-BZL1 Datasheet
230Kb / 6P
4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-BZL1 MURATA-PS-DMS-BZL1 Datasheet
464Kb / 6P
Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
DMS-BZL1 MURATA-PS-DMS-BZL1 Datasheet
234Kb / 5P
Ultra-Low 2.9V Loop-Drop 4쩍 Digit LCD Display Process Monitor
DMS-BZL1 MURATA-PS-DMS-BZL1 Datasheet
208Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
More results


Similar Description - DMS-BZL1

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-BZL1-C MURATA-PS-DMS-BZL1-C Datasheet
124Kb / 2P
Panel Mount Bezels for DMS Meters
logo
Murata Manufacturing Co...
DMS-EB MURATA-DMS-EB Datasheet
282Kb / 4P
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
DMS-EB2 MURATA-DMS-EB2 Datasheet
283Kb / 4P
Multi-Purpose Application Board for DMS-20PC/LCD Meters
EB-ACDC MURATA-EB-ACDC Datasheet
169Kb / 4P
100-264Vac Power Supply Accessory Board for DMS-30PC/LCD Panel Meters
EB-DCDC MURATA-EB-DCDC Datasheet
136Kb / 2P
DC/DC Converter and Isolation Board for DMS-30PC/LCD Meters
EB-HTB MURATA-EB-HTB Datasheet
62Kb / 1P
High-Accuracy Temperature Sensor Boards DMS-30PC/LCD-0 Meters
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
4-20mA Current Loop Application Board for DMS-30LCD Meters
EB-RMS MURATA-EB-RMS Datasheet
149Kb / 2P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
EB-TCJ MURATA-EB-TCJ Datasheet
103Kb / 1P
Thermocouple Input Application Boards for DMS-30PC/LCD Meters
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
AC-DC converter for electric meters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com