Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1835 Datasheet (PDF) - Micro Commercial Components

2SD1835 Datasheet PDF - Micro Commercial Components
Part # 2SD1835
Download  2SD1835 Download
File Size   213.55 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Encapsulate Transistors

2SD1835 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1835 Datasheet PDF - Micro Commercial Components

Part # 2SD1835
Download  2SD1835 Click to download

File Size   213.55 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Encapsulate Transistors

2SD1835 Datasheet (HTML) - Micro Commercial Components


2SD1835 Product details

Features
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)
• Large Current Capacity

Maximum Ratings @ 25°C Unless Otherwise Specified
• Operating Junction Temperature Range: -55℃ to +150℃
• Storage Temperature Range: -55℃ to +150℃
• Thermal Resistance: 166℃/W Junction to Ambient




Similar Part No. - 2SD1835

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1835 SANYO-2SD1835 Datasheet
120Kb / 4P
High-Current Switching Applications
2SD1835 SANYO-2SD1835 Datasheet
115Kb / 5P
Driver Applications
2SD1835 SANYO-2SD1835 Datasheet
53Kb / 5P
Driver Applications
logo
ON Semiconductor
2SD1835 ONSEMI-2SD1835 Datasheet
387Kb / 7P
Bipolar Transistor
September, 2013
logo
Jiangsu Changjiang Elec...
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - 2SD1835

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPS651 MCC-MPS651 Datasheet
233Kb / 3P
NPN Encapsulate Transistors
MPS651 MCC-MPS651_13 Datasheet
309Kb / 3P
NPN Encapsulate Transistors
logo
TECH PUBLIC Electronics...
BC846S TECHPUBLIC-BC846S Datasheet
1Mb / 6P
NPNNPN Plastic-Encapsulate Transistors
BC847S TECHPUBLIC-BC847S Datasheet
1Mb / 6P
NPNNPN Plastic-Encapsulate Transistors
MMDT2222A TECHPUBLIC-MMDT2222A Datasheet
1Mb / 5P
NPNNPN Plastic-Encapsulate Transistors
MMDT5551 TECHPUBLIC-MMDT5551 Datasheet
1Mb / 4P
NPNNPN Plastic-Encapsulate Transistors
TPBC846S TECHPUBLIC-TPBC846S Datasheet
1Mb / 6P
NPNNPN Plastic-Encapsulate Transistors
TPMMDT2222A TECHPUBLIC-TPMMDT2222A Datasheet
1Mb / 5P
NPNNPN Plastic-Encapsulate Transistors
TPMMDT3904 TECHPUBLIC-TPMMDT3904_V01 Datasheet
2Mb / 6P
NPNNPN Plastic-Encapsulate Transistors
TPMMDT4401 TECHPUBLIC-TPMMDT4401 Datasheet
1Mb / 4P
NPNNPN Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com