Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1102HA Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

PS1102HA Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # PS1102HA
Download  PS1102HA Download
File Size   192.86 Kbytes
Page   10 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Wide Distribution

PS1102HA Datasheet (PDF)

Go To PDF Page Download Datasheet
PS1102HA Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # PS1102HA
Download  PS1102HA Click to download

File Size   192.86 Kbytes
Page   10 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Wide Distribution

PS1102HA Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


PS1102HA Product details

Product features
• Outer Dimension 2.0 x 1.25 x 0.8mm ( L x W x H )
    ▪ Small Size
    ▪ Photo Current : 2mA TYP. (VCE=5V,Ee=5mW/cm2)
    ▪ Wide Distribution
    ▪ Lead–free soldering compatible
    ▪ RoHS compliant

Recommended Applications
    Car Audio, Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications




Similar Part No. - PS1102HA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS1102HA ETC-PS1102HA Datasheet
166Kb / 10P
Surface Mount Phototransistor/2125 Type
More results


Similar Description - PS1102HA

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNP331 STANLEY-DNP331 Datasheet
178Kb / 10P
Through-hole IRED/3 Wide Distribution Type
AN5307B STANLEY-AN5307B Datasheet
765Kb / 11P
Wide Distribution
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
Spatial distribution
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
Wide spatial distribution
logo
Ledil, Inc.
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
Beam with wide light distribution and good illuminance uniformity
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
Beam with wide light distribution
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
Beam with wide light distribution
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
Beam with wide light distribution and good illuminance uniformity
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
Beam with wide light distribution and good illuminance uniformity
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com