Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF372B Datasheet (PDF) - TT Electronics.

OPF372B Datasheet PDF - TT Electronics.
Part # OPF372B
Download  OPF372B Download
File Size   756.22 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Fiber Optic Transmitter

OPF372B Datasheet (PDF)

Go To PDF Page Download Datasheet
OPF372B Datasheet PDF - TT Electronics.

Part # OPF372B
Download  OPF372B Click to download

File Size   756.22 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Fiber Optic Transmitter

OPF372B Datasheet (HTML) - TT Electronics.


OPF372B Product details

Descripton:
The OPF372 family fber optc transmiters are high performance devices packaged for data communicaton links. This transmiter is an 850nm GaAlAs LED and is specifcally designed to efciently launch optcal power into fbers ranging in size from 50/125µm up to 200/300µm diameter fber. Multple power ranges with upper and lower limits are offered which allows the designer to select a device best suited for the applicaton.

Features:
• Low Cost 850 nm LED technology
• Popular ST® style receptacle
• Pre-tested with fber to assure performance
• Component pre-mounted and ready to use
• 35MHz operaton

Applicatons:
• Industrial Ethernet equipment
• Copper-to-fber media conversion
• Intra-system fber optc links
• Video surveillance systems




Similar Part No. - OPF372B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF372B OPTEK-OPF372B Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
August 1996
More results


Similar Description - OPF372B

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
Fiber Optic Transmitter
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
Fiber Optic Transmitter
OPF392 TTELEC-OPF392 Datasheet
502Kb / 4P
Fiber Optic Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com