Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3205 Datasheet (PDF) - Micro Commercial Components

KTC3205 Datasheet PDF - Micro Commercial Components
Part # KTC3205
Download  KTC3205 Download
File Size   292.95 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistor

KTC3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3205 Datasheet PDF - Micro Commercial Components

Part # KTC3205
Download  KTC3205 Click to download

File Size   292.95 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistor

KTC3205 Datasheet (HTML) - Micro Commercial Components


KTC3205 Product details

Features
• Power Dissipation: 1W (Tamb=25°C)
• Collector Current: 2A
• Collector-base Voltage: 30V
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Marking: KTC3205
• Lead Free Finish/Rohs Compliant ("P"Suffix designates
   Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - KTC3205

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3205 KEC-KTC3205 Datasheet
325Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
logo
Shenzhen Jin Yu Semicon...
KTC3205 HTSEMI-KTC3205 Datasheet
450Kb / 2P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
KTC3205 WINNERJOIN-KTC3205 Datasheet
123Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
KTC3205 FOSHAN-KTC3205 Datasheet
903Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
logo
SeCoS Halbleitertechnol...
KTC3205 SECOS-KTC3205 Datasheet
57Kb / 1P
NPN Silicon General Purpose Transistor
More results


Similar Description - KTC3205

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com