Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13003D Datasheet (PDF) - Micro Commercial Components

MJE13003D Datasheet PDF - Micro Commercial Components
Part # MJE13003D
Download  MJE13003D Download
File Size   170.72 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Plastic-Encapsulate Transistor

MJE13003D Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13003D Datasheet PDF - Micro Commercial Components

Part # MJE13003D
Download  MJE13003D Click to download

File Size   170.72 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Plastic-Encapsulate Transistor

MJE13003D Datasheet (HTML) - Micro Commercial Components


MJE13003D Product details

Features
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Capable of 1.25Watts of Power Dissipation.
• Collector-current 1.5A
• Collector-base Voltage 700V
• Operating and storage junction temperature range: -55°C to +150°C
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - MJE13003D

ManufacturerPart #DatasheetDescription
logo
Dc Components
MJE13003D DCCOM-MJE13003D Datasheet
220Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Inchange Semiconductor ...
MJE13003D ISC-MJE13003D Datasheet
102Kb / 2P
Silicon NPN Power Transistor
logo
Unisonic Technologies
MJE13003D UTC-MJE13003D Datasheet
125Kb / 4P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Shenzhen SI Semiconduct...
MJE13003D SISEMIC-MJE13003D Datasheet
483Kb / 6P
NPN D SERIES TRANSISTORS
logo
First Silicon Co., Ltd
MJE13003D FS-MJE13003D Datasheet
339Kb / 2P
SWITCHING REGULATOR APPLICATION.
More results


Similar Description - MJE13003D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com