Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT3S07T Datasheet (PDF) - Toshiba Semiconductor

MT3S07T Datasheet PDF - Toshiba Semiconductor
Part # MT3S07T
Download  MT3S07T Download
File Size   205.36 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE

MT3S07T Datasheet (PDF)

Go To PDF Page Download Datasheet
MT3S07T Datasheet PDF - Toshiba Semiconductor

Part # MT3S07T
Download  MT3S07T Click to download

File Size   205.36 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE

MT3S07T Datasheet (HTML) - Toshiba Semiconductor


MT3S07T Product details

VHF~UHF Band Low Noise Amplifier Applications



• Low noise figure: NF = 1.5dB (VCE = 3 V, IC = 5 mA, f = 2 GHz)

• High gain: |S21e|2 = 9.5dB (VCE = 3 V, IC = 15 mA, f = 2 GHz)



 




Similar Part No. - MT3S07T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S07T TOSHIBA-MT3S07T Datasheet
462Kb / 5P
VHF~UHF Band Low Noise Amplifier Applications
MT3S07T TOSHIBA-MT3S07T_07 Datasheet
462Kb / 5P
VHF~UHF Band Low Noise Amplifier Applications
More results


Similar Description - MT3S07T

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR510EF AUK-SUR510EF Datasheet
48Kb / 3P
Epitaxial Planar Type NPN Silicon Transistor
SUR542EF AUK-SUR542EF Datasheet
186Kb / 4P
Epitaxial Planar Type NPN Silicon Transistor
SUR543J AUK-SUR543J Datasheet
172Kb / 3P
Epitaxial Planar Type NPN Silicon Transistor
SUT485J AUK-SUT485J Datasheet
218Kb / 4P
Epitaxial Planar type NPN Silicon Transistor
logo
Toshiba Semiconductor
MT3S05T TOSHIBA-MT3S05T Datasheet
86Kb / 3P
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S07S TOSHIBA-MT3S07S Datasheet
112Kb / 2P
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
logo
Sanyo Semicon Device
2SC3173 SANYO-2SC3173 Datasheet
47Kb / 1P
NPN Epitaxial Planar Type Silicon Transistor
logo
Leshan Radio Company
L2SD2114KLT1 LRC-L2SD2114KLT1 Datasheet
78Kb / 4P
Epitaxial planar type NPN silicon transistor
logo
KEC(Korea Electronics)
KTC2874 KEC-KTC2874_03 Datasheet
405Kb / 3P
SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE
logo
First Silicon Co., Ltd
FTD2114K FS-FTD2114K Datasheet
126Kb / 4P
Epitaxial planar type NPN silicon transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com