Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F767 Datasheet (PDF) - Microchip Technology

PIC16F767 Datasheet PDF - Microchip Technology
Part # PIC16F767
Download  PIC16F767 Download
File Size   5165.11 Kbytes
Page   276 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology

PIC16F767 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F767 Datasheet PDF - Microchip Technology

Part # PIC16F767
Download  PIC16F767 Click to download

File Size   5165.11 Kbytes
Page   276 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology

PIC16F767 Datasheet (HTML) - Microchip Technology


PIC16F767 Product details

DEVICE OVERVIEW

This document contains device specific information about the following devices:

• PIC16F737 • PIC16F767

• PIC16F747 • PIC16F777

PIC16F737/767 devices are available only in 28-pin packages, while PIC16F747/777 devices are available in 40-pin and 44-pin packages. All devices in the



Low-Power Features:

• Power-Managed modes:

   - Primary Run (XT, RC oscillator, 76 µA, 1 MHz, 2V)

   - RC_RUN (7 µA, 31.25 kHz, 2V)

   - SEC_RUN (9 µA, 32 kHz, 2V)

   - Sleep (0.1 µA, 2V)

• Timer1 Oscillator (1.8 µA, 32 kHz, 2V)

• Watchdog Timer (0.7 µA, 2V)

• Two-Speed Oscillator Start-up



Oscillators:

• Three Crystal modes:

   - LP, XT, HS (up to 20 MHz)

• Two External RC modes

• One External Clock mode:

   - ECIO (up to 20 MHz)

• Internal Oscillator Block:

   - 8 user-selectable frequencies (31 kHz, 125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz, 4 MHz, 8 MHz)



Analog Features:

• 10-bit, up to 14-channel Analog-to-Digital Converter:

   - Programmable Acquisition Time

   - Conversion available during Sleep mode

• Dual Analog Comparators

• Programmable Low-Current Brown-out Reset (BOR) Circuitry and Programmable Low-Voltage Detect (LVD)



Peripheral Features:

• High Sink/Source Current: 25 mA

• Two 8-bit Timers with Prescaler

• Timer1/RTC module:

   - 16-bit timer/counter with prescaler

   - Can be incremented during Sleep via external 32 kHz watch crystal

• Master Synchronous Serial Port (MSSP) with 3-wire SPITM and I2CTM (Master and Slave) modes

• Addressable Universal Synchronous Asynchronous Receiver Transmitter (AUSART)

• Three Capture, Compare, PWM modules:

   - Capture is 16-bit, max. resolution is 12.5 ns

   - Compare is 16-bit, max. resolution is 200 ns

   - PWM max. resolution is 10 bits

• Parallel Slave Port (PSP) – 40/44-pin devices only



Special Microcontroller Features:

• Fail-Safe Clock Monitor for protecting critical applications against crystal failure

• Two-Speed Start-up mode for immediate code execution

• Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Programmable Code Protection

• Processor Read Access to Program Memory

• Power-Saving Sleep mode

• In-Circuit Serial Programming (ICSP) via two pins

• MPLAB® In-Circuit Debug (ICD) via two pins

• MCLR pin function replaceable with input only pin



 




Similar Part No. - PIC16F767

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F767 MICROCHIP-PIC16F767 Datasheet
5Mb / 280P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
11/29/12 2003-2013
logo
Matrix Technology Solut...
PIC16F767 MATRIX-PIC16F767 Datasheet
2Mb / 13P
This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
More results


Similar Description - PIC16F767

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC16F7X7 MICROCHIP-PIC16F7X7 Datasheet
4Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2X1X MICROCHIP-PIC18F2X1X_07 Datasheet
6Mb / 378P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
7Mb / 420P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2X1X MICROCHIP-PIC18F2X1X_09 Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC16F7X7 MICROCHIP-PIC16F7X7_13 Datasheet
5Mb / 280P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
11/29/12 2003-2013
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC16F737-I MICROCHIP-PIC16F737-I Datasheet
3Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
10/20/04
PIC16F777-I MICROCHIP-PIC16F777-I Datasheet
3Mb / 276P
28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
10/20/04
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com