Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3025KS Datasheet (PDF) - List of Unclassifed Manufacturers

SI-3025KS Datasheet PDF - List of Unclassifed Manufacturers
Part # SI-3025KS
Download  SI-3025KS Download
File Size   92.35 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type

SI-3025KS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3025KS Datasheet PDF - List of Unclassifed Manufacturers

Part # SI-3025KS
Download  SI-3025KS Click to download

File Size   92.35 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type

SI-3025KS Datasheet (HTML) - List of Unclassifed Manufacturers


SI-3025KS Product details

■ Features
• Compact surface-mount package (SOP-8)
• Output current: 1.0 A
• Low-ESR capacitor can be used.
• Low current consumption Iq ≤ 350 µA (IO = 0 A, VC = 2 V)
• Low current consumption Iq (OFF) ≤ 1 µA (VC = 0 V)
• Low dropout voltage VDIF ≤ 0.6 V (IO = 1 A)
• 4 types of output voltages (1.8 V, 2.5 V, 3.3 V, and variable type) available
• Output ON/OFF control pin compatible with LS-TTL
• Built-in dropping type overcurrent, thermal protection circuits

■ Applications
• Local power supplies
• Battery-driven electronic equipment




Similar Part No. - SI-3025KS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3025KS ALLEGRO-SI-3025KS Datasheet
97Kb / 6P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3025KS SANKEN-SI-3025KS Datasheet
97Kb / 6P
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3025KS SANKEN-SI-3025KS Datasheet
82Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Similar Description - SI-3025KS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com