Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF1414 Datasheet (PDF) - TT Electronics.

OPF1414 Datasheet PDF - TT Electronics.
Part # OPF1414
Download  OPF1414 Download
File Size   929.69 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description High Speed Fiber Optic Transmitter

OPF1414 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPF1414 Datasheet PDF - TT Electronics.

Part # OPF1414
Download  OPF1414 Click to download

File Size   929.69 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description High Speed Fiber Optic Transmitter

OPF1414 Datasheet (HTML) - TT Electronics.


OPF1414 Product details

Description:
The OPF1412 and OPF1414 series fiber optic transmiƩers contain a high speed 840 nm GaAIAs LED. This LED in conjunction with the package lensing is designed to efficiently couple light into multimode optical fibers ranging in size from 50/125 µm up to 200/230 µm. The high coupling efficiency of the LED and lensing allows the devices to be used at low current drive levels thus decreasing the power consumption and increasing system reliability. The consistency of coupling varies by less than 5 dB from part to part which reduces the dynamic range requirements of the receiver. The high power (-16.0 dBm into 50/125 µm) OPF1414 was designed for small fiber applications or where there are large fixed losses such as in systems that contain star couplers or in line connectors. The OPF1412 (-12.0 dBm optical power) is ideal for 100/140 µm fiber applications.

Features:
• Low cost
• High speed
• No mounting hardware required
• Wide temperature range
• 100% LED burn-in (96 hours)
• SMA or ST style ports
• Wave solderable




Similar Part No. - OPF1414

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF1414 OPTEK-OPF1414 Datasheet
482Kb / 2P
HIGH SPEED FIBER OPTIC TRANSMITTER
OPF1414 OPTEK-OPF1414 Datasheet
347Kb / 4P
High Speed Fiber Optic Transmitter
logo
TT Electronics.
OPF1414 TTELEC-OPF1414 Datasheet
613Kb / 3P
High Speed Fiber Optic Transmitter
logo
OPTEK Technologies
OPF1414C OPTEK-OPF1414C Datasheet
420Kb / 4P
850nm Fiber Optic Receiver Module in Dual-in-Line Package
May-2003
OPF1414T OPTEK-OPF1414T Datasheet
420Kb / 4P
850nm Fiber Optic Receiver Module in Dual-in-Line Package
May-2003
More results


Similar Description - OPF1414

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
Fiber Optic Transmitter
logo
OPTEK Technologies
OPF1402 OPTEK-OPF1402 Datasheet
482Kb / 2P
HIGH SPEED FIBER OPTIC TRANSMITTER
OPF1412 OPTEK-OPF1412 Datasheet
347Kb / 4P
High Speed Fiber Optic Transmitter
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
Fiber Optic Transmitter
OPF1412 TTELEC-OPF1412 Datasheet
613Kb / 3P
High Speed Fiber Optic Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com