Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN5350 Datasheet (PDF) - ON Semiconductor

FAN5350 Datasheet PDF - ON Semiconductor
Part # FAN5350
Download  FAN5350 Download
File Size   391.88 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging

FAN5350 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5350 Datasheet PDF - ON Semiconductor

Part # FAN5350
Download  FAN5350 Click to download

File Size   391.88 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging

FAN5350 Datasheet (HTML) - ON Semiconductor


FAN5350 Product details

Description
The FAN5350 is a step-dow n sw itching voltage regulator that delivers a fixed 1.82V from an input voltage supply of 2.7V to 5.5V. Using a proprietary architecture w ith synchronous rectification, the FAN5350 is capable of delivering 600mA at over 90% efficiency, w hile maintaining a very high efficiency of over 80% at load currents as low as 1mA. The regulator operates at a nominal fixed frequency of 3MHz at full load, w hich reduces the value of the external components to 1µH for the output inductor and 4.7µF for the output capacitor.

Features
■ 3MHz Fixed-Frequency Operation
■ 16µA Typical Quiescent Current
■ 600mA Output Current Capability
■ 2.7V to 5.5V Input Voltage Range
■ 1.82V Fixed Output Voltage
■ Synchronous Operation
■ Pow er-Save Mode
■ Soft-Start Capability
■ Input Under-Voltage Lockout (UVLO)
■ Thermal Shutdow n and Overload Protection
■ 6-Lead 3 x 3mm MLP
■ 5-Bump 1 x 1.37mm WLCSP

Applications
■ Cell Phones, Smart-Phones
■ Pocket PCs
■ WLAN DC-DC Converter Modules
■ PDA, DSC, PMP, and MP3 Players
■ Portable Hard Disk Drives




Similar Part No. - FAN5350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5350 FAIRCHILD-FAN5350 Datasheet
485Kb / 15P
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
FAN5350 FAIRCHILD-FAN5350 Datasheet
756Kb / 15P
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
FAN5350MPX FAIRCHILD-FAN5350MPX Datasheet
485Kb / 15P
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
FAN5350MPX FAIRCHILD-FAN5350MPX Datasheet
756Kb / 15P
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
FAN5350UCX FAIRCHILD-FAN5350UCX Datasheet
485Kb / 15P
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
More results


Similar Description - FAN5350

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
logo
Advanced Analogic Techn...
AAT2511 ANALOGICTECH-AAT2511 Datasheet
471Kb / 20P
Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN5350 FAIRCHILD-FAN5350 Datasheet
485Kb / 15P
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
Fairchild Semiconductor
FAN5350 FAIRCHILD-FAN5350_08 Datasheet
756Kb / 15P
3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
2MHz, 600mA Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com