Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1Q1 Datasheet (PDF) - Diodes Incorporated

C1Q1 Datasheet PDF - Diodes Incorporated
Part # C1Q1
Download  C1Q1 Download
File Size   854.75 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 230VAC Triac Dimmable GU10 LED Driver

C1Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
C1Q1 Datasheet PDF - Diodes Incorporated

Part # C1Q1
Download  C1Q1 Click to download

File Size   854.75 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 230VAC Triac Dimmable GU10 LED Driver

C1Q1 Datasheet (HTML) - Diodes Incorporated


C1Q1 Product details

General Description
This AP1694A Triac Dimmable GU10 12V/400mA Buck LEDs driver EV board use tapped transformer to increasing power conversion turn on duty cycle, boost current back to LED during ratio of tapped winding. Also the bigger gauge wire can be used as well as the large inductance can be suitable in switching loop which can reduce the switching current and the lower forward drop so that SBR diode can be used which can reduce the power consumption on the diodes.

Key Features
• Typical 3% to 95% Dimming performance (Depends on dimmers brands)
• Boundary conductive switching mode
• Simple adjustable Constant Current
• Inductor Short Protection
• Low BOM cost
• PFC >0.9 & low THD.
• 200 ~265VAC input range
• >77% Efficiency
• With open, short, and wrong polarity LED protection

Applications
• GU10 LED Offline small size bulb
• Candle size LED lamp
• Desktop lamps
• Under the counter lamps




Similar Part No. - C1Q1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q1 BEL-C1Q1 Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C1Q1 BEL-C1Q1 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
logo
Diodes Incorporated
C1Q1 DIODES-C1Q1 Datasheet
755Kb / 10P
120VAC Triac Dimmable GU10 LED Driver with Integrated MOSEFT
Rev 1
logo
Bel Fuse Inc.
C1Q1 BEL-C1Q1 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C1Q1.25 BEL-C1Q1.25 Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
More results


Similar Description - C1Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
18W Triac Dimmable LED Driver
logo
Diodes Incorporated
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
120VAC Triac Dimmable GU10 LED Driver
Rev 2
AP1695EV4 DIODES-AP1695EV4 Datasheet
755Kb / 10P
120VAC Triac Dimmable GU10 LED Driver with Integrated MOSEFT
Rev 1
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com