Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A278308 Datasheet (PDF) - AMIC Technology

A278308 Datasheet PDF - AMIC Technology
Part # A278308
Download  A278308 Download
File Size   252.11 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 8 OTP CMOS EPROM

A278308 Datasheet (PDF)

Go To PDF Page Download Datasheet
A278308 Datasheet PDF - AMIC Technology

Part # A278308
Download  A278308 Click to download

File Size   252.11 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 8 OTP CMOS EPROM

A278308 Datasheet (HTML) - AMIC Technology


A278308 Product details

General Description
The A278308 chip is a high-performance 2,097,152 bit one-time programmable read only memory (OTP EPROM) organized as 256K by 8 bits. The A278308 requires only 5V power supply in normal read mode operation and any input signals are TTL levels. The A278308 is available in industry standard 32 pin dual-in-line and 32 pin PLCC packages.

Features
■ 262,144 X 8 bit organization
■ Programming voltage: 12.75V
■ Access time: 70 ns (max.)
■ Current: Operating: 30mA (max.) at 5MHz
                  Standby: 100mA (max.)
■ All inputs and outputs are directly TTL-compatible
■ Available in 32-pin DIP and 32-pin PLCC packages




Similar Part No. - A278308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A278308A AMICC-A278308A Datasheet
173Kb / 14P
256K X 8 OTP CMOS EPROM
A278308A-55 AMICC-A278308A-55 Datasheet
173Kb / 14P
256K X 8 OTP CMOS EPROM
A278308A-70 AMICC-A278308A-70 Datasheet
173Kb / 14P
256K X 8 OTP CMOS EPROM
A278308AL AMICC-A278308AL Datasheet
173Kb / 14P
256K X 8 OTP CMOS EPROM
A278308AL-55 AMICC-A278308AL-55 Datasheet
173Kb / 14P
256K X 8 OTP CMOS EPROM
More results


Similar Description - A278308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
2-Megabit 256K x 8 OTP EPROM
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A27020A AMICC-A27020A Datasheet
175Kb / 14P
256K X 8 OTP CMOS EPROM
A278308A AMICC-A278308A Datasheet
173Kb / 14P
256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
2-megabit (256K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
256K (32K x 8-Bit) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
256K X 8 OTP CMOS EPROM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com