Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB3793-42 Datasheet (PDF) - Cypress Semiconductor

MB3793-42 Datasheet PDF - Cypress Semiconductor
Part # MB3793-42
Download  MB3793-42 Download
File Size   293.59 Kbytes
Page   24 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Power-Voltage Monitoring IC with Watchdog Timer

MB3793-42 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3793-42 Datasheet PDF - Cypress Semiconductor

Part # MB3793-42
Download  MB3793-42 Click to download

File Size   293.59 Kbytes
Page   24 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Power-Voltage Monitoring IC with Watchdog Timer

MB3793-42 Datasheet (HTML) - Cypress Semiconductor


MB3793-42 Product details

Description
The MB3793 is an integrated circuit to monitor power voltage; it incorporates a watchdog timer.
A reset signal is output when the power is cut or falls abruptly. When the power recovers normally after resetting, a power-on reset signal is output to microprocessor units (MPUs). An internal watchdog timer with two inputs for system operation diagnosis can provide a fail-safe function for various application systems.

Features
■ Precise detection of power voltage fall: ±2.5%
■ Detection voltage with hysteresis
■ Low power dispersion: ICC = 27 μA (reference)
■ Internal dual-input watchdog timer
■ Watchdog timer halt function (by inhibition terminal)
■ Independently-set watchdog and reset times
■ Mask option for detection voltage (4.9 to 2.4 V, 0.1-V steps)
■ Two types of packages (SOP-8pin: 2 types)

Application
■ Arcade Amusement etc.




Similar Part No. - MB3793-42

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3793-42 FUJITSU-MB3793-42 Datasheet
192Kb / 20P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42D CYPRESS-MB3793-42D Datasheet
781Kb / 24P
Power-Voltage Monitoring IC with Watchdog Timer
logo
fujitsu semiconductor
MB3793-42P FUJITSU-MB3793-42P Datasheet
183Kb / 23P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PF FUJITSU-MB3793-42PF Datasheet
266Kb / 25P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
More results


Similar Description - MB3793-42

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
Power Voltage Monitoring IC with Watchdog Timer
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
Power Voltage Monitoring IC with Watchdog Timer
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
Power Voltage Monitoring IC with Watchdog Timer
MB3793-30A FUJITSU-MB3793-30A Datasheet
304Kb / 26P
Power Voltage Monitoring IC with Watchdog Timer
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
Power-Voltage Monitoring IC with Watchdog Timer
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
Power-Voltage Monitoring IC with Watchdog Timer
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com