Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6BP201A Datasheet (PDF) - Cypress Semiconductor

S6BP201A Datasheet PDF - Cypress Semiconductor
Part # S6BP201A
Download  S6BP201A Download
File Size   1335.55 Kbytes
Page   20 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC

S6BP201A Datasheet (PDF)

Go To PDF Page Download Datasheet
S6BP201A Datasheet PDF - Cypress Semiconductor

Part # S6BP201A
Download  S6BP201A Click to download

File Size   1335.55 Kbytes
Page   20 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC

S6BP201A Datasheet (HTML) - Cypress Semiconductor




Similar Part No. - S6BP201A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP202A1BST2B00A CYPRESS-S6BP202A1BST2B00A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP202A1CST2B00A CYPRESS-S6BP202A1CST2B00A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP202A1DST2B00A CYPRESS-S6BP202A1DST2B00A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP202A1EST2B00A CYPRESS-S6BP202A1EST2B00A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
More results


Similar Description - S6BP201A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
850kHz 1A Synchronous Buck DC/DC Converter
logo
Enpirion, Inc.
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
1A / 1.4MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G Datasheet
957Kb / 14P
Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Cypress Semiconductor
S6BP202A CYPRESS-S6BP202A Datasheet
1Mb / 20P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
S6BP203A CYPRESS-S6BP203A Datasheet
1Mb / 19P
ASSP, 42V, 2.4A, Synchronous Buck-boost DC/DC Converter IC
logo
Unisonic Technologies
UC3656 UTC-UC3656_17 Datasheet
372Kb / 7P
1.6MHz, 1A SYNCHRONOUS BUCK CONVERTER
logo
Torex Semiconductor
XC9306B05G0R-G TOREX-XC9306B05G0R-G_V01 Datasheet
781Kb / 14P
Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Maxim Integrated Produc...
MAX17542G MAXIM-MAX17542G_V01 Datasheet
1Mb / 17P
42V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2017
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com