Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C24X93 Datasheet (PDF) - Cypress Semiconductor

CY8C24X93 Datasheet PDF - Cypress Semiconductor
Part # CY8C24X93
Download  CY8C24X93 Download
File Size   718.35 Kbytes
Page   65 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description PSoC짰 Programmable System-on-Chip

CY8C24X93 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C24X93 Datasheet PDF - Cypress Semiconductor

Part # CY8C24X93
Download  CY8C24X93 Click to download

File Size   718.35 Kbytes
Page   65 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description PSoC짰 Programmable System-on-Chip

CY8C24X93 Datasheet (HTML) - Cypress Semiconductor


CY8C24X93 Product details

PSoC® Functional Overview
The PSoC family consists of on-chip controller devices, which are designed to replace multiple traditional microcontroller unit (MCU)-based components with one, low cost single-chip programmable component. A PSoC device includes configurable analog and digital blocks, and programmable interconnect. This architecture allows the user to create customized peripheral configurations, to match the requirements of each individual application. Additionally, a fast CPU, Flash program memory, SRAM data memory, and configurable I/O are included in a range of convenient pinouts.

Features
■ Powerful Harvard-architecture processor
   ❐ M8C CPU with a max speed of 24 MHz
■ Operating Range: 1.71 V to 5.5 V
   ❐ Standby Mode 1.1 μA (Typ)
   ❐ Deep Sleep 0.1 μA (Typ)
■ Operating Temperature range: –40 °C to +85 °C
■ Flexible on-chip memory
   ❐ 8 KB flash, 1 KB SRAM
   ❐ 16 KB flash, 2 KB SRAM
   ❐ 32 KB flash, 2 KB SRAM
   ❐ Read while Write with EEPROM emulation
   ❐ 50,000 flash erase/write cycles
   ❐ In-system programming simplifies manufacturing process
■ Four Clock Sources
   ❐ Internal main oscillator (IMO): 6/12/24 MHz
   ❐ Internal low-speed oscillator (ILO) at 32 kHz for watchdog and sleep timers
   ❐ External 32 KHz Crystal Oscillator
   ❐ External Clock Input
■ Programmable pin configurations
   ❐ Up to 36 general purpose dual mode GPIO (Analog inputs and Digital I/O supported)
   ❐ High sink current of 25 mA per GPIO
      • Max sink current 120 mA for all GPIOs
   ❐ Source Current
      • 5 mA on ports 0 and 1
      • 1 mA on ports 2,3 and 4
   ❐ Configurable internal pull-up, high-Z and open drain modes
   ❐ Selectable, regulated digital I/O on port 1
   ❐ Configurable input threshold on port 1
■ Versatile Analog functions
   ❐ Internal Low-Dropout voltage regulator for high power supply rejection ratio (PSRR)
■ Full-Speed USB
   ❐ 12 Mbps USB 2.0 compliant
   ❐ Eight unidirectional endpoints
   ❐ One bidirectional endpoint
   ❐ Dedicated 512 byte SRAM
   ❐ No external crystal required
■ Additional system resources
   ❐ I2C Slave:
      • Selectable to 50 kHz, 100 kHz, or 400 kHz
   ❐ Configurable up to 12 MHz SPI master and slave
   ❐ Three 16-bit timers
   ❐ Watchdog and sleep timers
   ❐ Integrated supervisory circuit
   ❐ 10-bit incremental analog-to-digital converter (ADC) with internal voltage reference
   ❐ Two general-purpose Comparators
      • 3 Voltage References (0.8 V, 1 V, 1.2 V)
      • Any pin to either comparator inputs
      • Low-power operation at 10 µA
   ❐ One 8-bit IDAC with full scale range of 512 µA
   ❐ One 8-bit Software PWM
■ Development Platform
   ❐ PSoC Designer™ IDE
■ GPIOs and Package options
   ❐ 13 GPIOs - QFN 16
   ❐ 28 GPIOs - QFN 32
   ❐ 34 GPIOs - QFN 48
   ❐ 36 GPIOs - QFN 48




Similar Part No. - CY8C24X93

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24X94 CYPRESS-CY8C24X94 Datasheet
1Mb / 47P
PSoC Programmable System-on-Chip Low power at high speed
CY8C24x94 CYPRESS-CY8C24x94 Datasheet
1,005Kb / 37P
PSoC Programmable System-on-Chip
CY8C24x94 CYPRESS-CY8C24x94 Datasheet
1,005Kb / 37P
PSoC Programmable System-on-Chip
CY8C24X94 CYPRESS-CY8C24X94 Datasheet
1Mb / 43P
PSoC Programmable System-on-Chip Low power at high speed
CY8C24X94 CYPRESS-CY8C24X94 Datasheet
960Kb / 34P
PSoC Programmable System-on-Chip Low power at high speed
More results


Similar Description - CY8C24X93

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
PSoC짰 Programmable System-on-Chip
CY8C32 CYPRESS-CY8C32_12 Datasheet
4Mb / 122P
Programmable System-on-Chip (PSoC짰)
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
PSoC짰 Programmable System-on-Chip?
CY8C34 CYPRESS-CY8C34_13 Datasheet
3Mb / 130P
Programmable System-on-Chip (PSoC짰)
CY8C56LP CYPRESS-CY8C56LP_13 Datasheet
3Mb / 120P
Programmable System-on-Chip (PSoC짰)
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
Programmable System-on-Chip (PSoC짰)
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com