Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C52LP Datasheet (PDF) - Cypress Semiconductor

CY8C52LP Datasheet PDF - Cypress Semiconductor
Part # CY8C52LP
Download  CY8C52LP Download
File Size   3993.08 Kbytes
Page   114 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable System-on-Chip (PSoC짰)

CY8C52LP Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C52LP Datasheet PDF - Cypress Semiconductor

Part # CY8C52LP
Download  CY8C52LP Click to download

File Size   3993.08 Kbytes
Page   114 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Programmable System-on-Chip (PSoC짰)

CY8C52LP Datasheet (HTML) - Cypress Semiconductor


CY8C52LP Product details

General Description
PSoC® 5LP is a true programmable embedded system-on-chip, integrating configurable analog and digital peripherals, memory, and a microcontroller on a single chip. The PSoC 5LP architecture boosts performance through:
■ 32-bit ARM Cortex-M3 core plus DMA controller at up to 80 MHz
■ Ultra low power with industry’s widest voltage range
■ Programmable digital and analog peripherals enable custom functions
■ Flexible routing of any analog or digital peripheral function to any pin
PSoC devices employ a highly configurable system-on-chip architecture for embedded control design. They integrate configurable analog and digital circuits, controlled by an on-chip microcontroller. A single PSoC device can integrate as many as 100 digital and analog peripheral functions, reducing design time, board space, power consumption, and system cost while improving system quality.

Features
■ Operating characteristics
   □ Voltage range: 1.71 to 5.5 V, up to 6 power domains
   □ Temperature range (ambient) –40 to 85 °C[1]
   □ DC to 80-MHz operation
   □ Power modes
      • Active mode 3.1 mA at 6 MHz, and 15.4 mA at 48 MHz
      • 2-µA sleep mode
      • 300-nA hibernate mode with RAM retention
   □ Boost regulator from 0.5-V input up to 5-V output
■ Performance
   □ 32-bit ARM Cortex-M3 CPU, 32 interrupt inputs
   □ 24-channel direct memory access (DMA) controller
■ Memories
   □ Up to 256 KB program flash, with cache and security features
   □ Up to 32 KB additional flash for error correcting code (ECC)
   □ Up to 64 KB RAM
   □ 2 KB EEPROM
■ Digital peripherals
   □ Four 16-bit timer, counter, and PWM (TCPWM) blocks
   □ I2C, 1 Mbps bus speed
   □ USB 2.0 certified Full-Speed (FS) 12 Mbps peripheral interface (TID#10840032) using internal oscillator[2]
   □ 20 to 24 universal digital blocks (UDB), programmable to create any number of functions:
      • 8-, 16-, 24-, and 32-bit timers, counters, and PWMs
      • I2C, UART, SPI, I2S, LIN 2.0 interfaces
      • Cyclic redundancy check (CRC)
      • Pseudo random sequence (PRS) generators
      • Quadrature decoders
      • Gate-level logic functions
■ Programmable clocking
   □ 3- to 74-MHz internal oscillator, 2% accuracy at 3 MHz
   □ 4- to 25-MHz external crystal oscillator
   □ Internal PLL clock generation up to 80 MHz
   □ Low-power internal oscillator at 1, 33, and 100 kHz
   □ 32.768-kHz external watch crystal oscillator
   □ 12 clock dividers routable to any peripheral or I/O
■ Analog peripherals
   □ 12-bit SAR ADC
   □ 8-bit DAC
   □ Two comparators
   □ CapSense® support, up to 62 sensors
   □ 1.024 V ±1% internal voltage reference
■ Versatile I/O system
   □ 46 to 72 I/O pins – up to 62 general-purpose I/Os (GPIOs)
   □ Up to eight performance I/O (SIO) pins
      • 25 mA current sink
      • Programmable input threshold and output high voltages
      • Can act as a general-purpose comparator
      • Hot swap capability and overvoltage tolerance
   □ Two USBIO pins that can be used as GPIOs
   □ Route any digital or analog peripheral to any GPIO
   □ LCD direct drive from any GPIO, up to 46 × 16 segments
   □ CapSense support from any GPIO
   □ 1.2-V to 5.5-V interface voltages, up to four power domains
■ Programming, debug, and trace
   □ JTAG (4-wire), serial wire debug (SWD) (2-wire), single wire viewer (SWV), and Traceport (5-wire) interfaces
   □ ARM debug and trace modules embedded in the CPU core
   □ Bootloader programming through I2C, SPI, UART, USB, and other interfaces
■ Package options: 68-pin QFN,100-pin TQFP, and 99-pin CSP
■ Development support with free PSoC Creator™ tool
   □ Schematic and firmware design support
   □ Over 100 PSoC Components™ integrate multiple ICs and system interfaces into one PSoC. Components are free embedded ICs represented by icons. Drag and drop component icons to design systems in PSoC Creator.
   □ Includes free GCC compiler, supports Keil/ARM MDK compiler
   □ Supports device programming and debugging




Similar Part No. - CY8C52LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
4Mb / 94P
Programmable System-on-Chip (PSoC짰)
CY8C52 CYPRESS-CY8C52 Datasheet
3Mb / 95P
Programmable System-on-Chip (PSoC) DC to 40 MHz operation
CY8C5245PVI-112 CYPRESS-CY8C5245PVI-112 Datasheet
2Mb / 85P
Programmable System-on-Chip (PSoC)
CY8C5245PVI-113 CYPRESS-CY8C5245PVI-113 Datasheet
2Mb / 85P
Programmable System-on-Chip (PSoC)
More results


Similar Description - CY8C52LP

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
PSoC짰 Programmable System-on-Chip
CY8C32 CYPRESS-CY8C32_12 Datasheet
4Mb / 122P
Programmable System-on-Chip (PSoC짰)
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
PSoC짰 Programmable System-on-Chip?
CY8C34 CYPRESS-CY8C34_13 Datasheet
3Mb / 130P
Programmable System-on-Chip (PSoC짰)
CY8C56LP CYPRESS-CY8C56LP_13 Datasheet
3Mb / 120P
Programmable System-on-Chip (PSoC짰)
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
Programmable System-on-Chip (PSoC짰)
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com