Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P13 Datasheet (PDF) - Vishay Siliconix

P13 Datasheet PDF - Vishay Siliconix
Part # P13
Download  P13 Download
File Size   137.02 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Sealed Container Cermet Potentiometer

P13 Datasheet (PDF)

Go To PDF Page Download Datasheet
P13 Datasheet PDF - Vishay Siliconix

Part # P13
Download  P13 Click to download

File Size   137.02 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fully Sealed Container Cermet Potentiometer

P13 Datasheet (HTML) - Vishay Siliconix


P13 Product details

• High power rating 1.5 W at 70 °C
• Product qualification:
According to CECC 41 301-001 (A, B, C)
• Test according to CECC 41000 or IEC 60393-1
• GAM T1
• Cermet element
• Fully sealed case
• Tight temperature coefficient (± 75 ppm/°C typical)
• Mechanical strength




Similar Part No. - P13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P13 VISHAY-P13 Datasheet
117Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P13 VISHAY-P13 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
P13-1123 HARWIN-P13-1123 Datasheet
60Kb / 1P
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
P13-2123 HARWIN-P13-2123 Datasheet
60Kb / 1P
1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
More results


Similar Description - P13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P8S VISHAY-P8S Datasheet
154Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
T12 VISHAY-T12 Datasheet
132Kb / 5P
Fully Sealed Container Square or Round Cermet Trimmers
06-Jul-06
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
P12 VISHAY-P12_17 Datasheet
144Kb / 6P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
29-Jul-2021
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com