Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6A13 Datasheet (PDF) - Toshiba Semiconductor

S6A13 Datasheet PDF - Toshiba Semiconductor
Part # S6A13
Download  S6A13 Download
File Size   137.4 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Thyristor Silicon Planar Type

S6A13 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6A13 Datasheet PDF - Toshiba Semiconductor

Part # S6A13
Download  S6A13 Click to download

File Size   137.4 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Thyristor Silicon Planar Type

S6A13 Datasheet (HTML) - Toshiba Semiconductor


S6A13 Product details

Condenser Discharge Control Applications



• FWD included between cathode and anode

• Critical rate of rise of ON-state current: di/dt = 750 A/µs

• Repetitive peak surge ON-state current: ITRM = 500 A (tw = 2 µs)

• Repetitive peak OFF-state voltage: VDRM = 800 V

• Gate trigger current: IGT = 30 mA max.



 




Similar Part No. - S6A13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S6A MCC-S6A Datasheet
346Kb / 3P
6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
S6A TSC-S6A Datasheet
52Kb / 2P
6.0 AMPS. Surface Mount Rectifiers
logo
Micro Commercial Compon...
S6A MCC-S6A Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S6A FORMOSA-S6A Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
List of Unclassifed Man...
S6A ETC2-S6A Datasheet
200Kb / 5P
Medium Capacity Standard Size Toggles
More results


Similar Description - S6A13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S6785G TOSHIBA-S6785G Datasheet
107Kb / 4P
TOSHIBA HIGH SPEED THYRISTOR SILICON PLANAR TYPE
SF0R5G43 TOSHIBA-SF0R5G43 Datasheet
244Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G41A TOSHIBA-SF5G41A Datasheet
238Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF5G48 TOSHIBA-SF5G48 Datasheet
214Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF10J48 TOSHIBA-SF10J48 Datasheet
232Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
S6992 TOSHIBA-S6992 Datasheet
132Kb / 4P
TOSHIBA Thyristor Silicon Planar Type
URSF05G49-1P TOSHIBA-URSF05G49-1P Datasheet
253Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
USF5G49 TOSHIBA-USF5G49 Datasheet
208Kb / 6P
TOSHIBA Thyristor Silicon Planar Type
S6744 TOSHIBA-S6744 Datasheet
124Kb / 4P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF10G41A TOSHIBA-SF10G41A Datasheet
257Kb / 6P
TOSHIBA THYRISTOR SILICON PLANAR TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com