Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG2213S Datasheet (PDF) - Toshiba Semiconductor

TG2213S Datasheet PDF - Toshiba Semiconductor
Part # TG2213S
Download  TG2213S Download
File Size   163.82 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic

TG2213S Datasheet (PDF)

Go To PDF Page Download Datasheet
TG2213S Datasheet PDF - Toshiba Semiconductor

Part # TG2213S
Download  TG2213S Click to download

File Size   163.82 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic

TG2213S Datasheet (HTML) - Toshiba Semiconductor


TG2213S Product details

Antenna switch for Bluetooth class 2, 3

Diversity antenna switching

Filter switching for mobile communication

Local signal switching



Features

Low insertion Loss: LOSS = 0.35dB (typ.) @1.0 GHz

                              = 0.45dB (typ.) @2.5 GHz

High isolation: ISL = 24dB (typ.) @1.0 GHz

                         = 22dB (typ.) @2.5 GHz

Low voltage operation: VCON = 0 V/2.7 V

Small package: sES6 package (1.5 × 1.5 × 0.52 mm)




Similar Part No. - TG2213S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TG2210FT TOSHIBA-TG2210FT Datasheet
144Kb / 7P
RF SPDT Switch
TG2211FT TOSHIBA-TG2211FT Datasheet
208Kb / 9P
TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2216TU TOSHIBA-TG2216TU Datasheet
209Kb / 9P
TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
More results


Similar Description - TG2213S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TG2206F TOSHIBA-TG2206F Datasheet
185Kb / 7P
TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2211FT TOSHIBA-TG2211FT Datasheet
208Kb / 9P
TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2216TU TOSHIBA-TG2216TU Datasheet
209Kb / 9P
TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
GaAs Linear Integrated Circuit GaAs Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com