Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847BFA Datasheet (PDF) - Diodes Incorporated

BC847BFA Datasheet PDF - Diodes Incorporated
Part # BC847BFA
Download  BC847BFA Download
File Size   284.31 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN SMALL SIGNAL TRANSISTOR

BC847BFA Datasheet (PDF)

Go To PDF Page Download Datasheet
BC847BFA Datasheet PDF - Diodes Incorporated

Part # BC847BFA
Download  BC847BFA Click to download

File Size   284.31 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 45V NPN SMALL SIGNAL TRANSISTOR

BC847BFA Datasheet (HTML) - Diodes Incorporated


BC847BFA Product details

Features
• BVCEO > 45V
• IC = 100mA High Collector Current
• PD = 435mW Power Dissipation
• 0.48mm2 Package Footprint, 16 times smaller than SOT23
• 0.4mm Height Package Minimizing Off-Board Profile
• Complementary PNP Type BC857BFA
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• An Automotive-Compliant Part is Available Under Separate
   Datasheet (BC847BFAQ)




Similar Part No. - BC847BFA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFAQ DIODES-BC847BFAQ Datasheet
395Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 1
BC847BFAQ-7B DIODES-BC847BFAQ-7B Datasheet
395Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 1
BC847BFA DIODES-BC847BFA_15 Datasheet
336Kb / 6P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
Rev 2
More results


Similar Description - BC847BFA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP_11 Datasheet
135Kb / 5P
45V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 11
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 5
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
BC847CDLP DIODES-BC847CDLP_15 Datasheet
204Kb / 6P
45V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 7
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Rev 2
AC847BQ DIODES-AC847BQ Datasheet
333Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 1
BC817-16 DIODES-BC817-16_16 Datasheet
375Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 21
BC847AT DIODES-BC847AT_16 Datasheet
316Kb / 6P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 10
BC847BFAQ DIODES-BC847BFAQ Datasheet
395Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR
Rev 1
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com