Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8210 Datasheet (PDF) - Toshiba Semiconductor

TPC8210 Datasheet PDF - Toshiba Semiconductor
Part # TPC8210
Download  TPC8210 Download
File Size   229.1 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)

TPC8210 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8210 Datasheet PDF - Toshiba Semiconductor

Part # TPC8210
Download  TPC8210 Click to download

File Size   229.1 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)

TPC8210 Datasheet (HTML) - Toshiba Semiconductor


TPC8210 Product details

Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PC Applications

• Low drain−source ON resistance: RDS (ON) = 11 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 13 S (typ.)
• Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPC8210

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8210 TOSHIBA-TPC8210 Datasheet
275Kb / 7P
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
logo
VBsemi Electronics Co.,...
TPC8210 VBSEMI-TPC8210 Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
More results


Similar Description - TPC8210

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC8211 TOSHIBA-TPC8211 Datasheet
171Kb / 4P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8014 TOSHIBA-TPC8014 Datasheet
213Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8001 TOSHIBA-TPCF8001 Datasheet
242Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8201 TOSHIBA-TPCP8201_07 Datasheet
250Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
SSM3K15AFU TOSHIBA-SSM3K15AFU Datasheet
236Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com