Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAC3552A Datasheet (PDF) - Micronas

UAC3552A Datasheet PDF - Micronas
Part # UAC3552A
Download  UAC3552A Download
File Size   337.19 Kbytes
Page   28 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Universal Serial Bus

UAC3552A Datasheet (PDF)

Go To PDF Page Download Datasheet
UAC3552A Datasheet PDF - Micronas

Part # UAC3552A
Download  UAC3552A Click to download

File Size   337.19 Kbytes
Page   28 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Universal Serial Bus

UAC3552A Datasheet (HTML) - Micronas


UAC3552A Product details

The UAC 3552A is the first member of Micronas’ USB audio controller family of ICs targeting a wide variety of audio applications on the USB. The UAC 3552A is a single-chip, high-precision digital-to-analog audio converter. It includes a high-quality audio sample rate converter and is able to support a wide range of sample rates, as well as different audio formats.



Features

– single-chip, USB specification 1.0/1.1 compliant, stereo audio D/A converter

– 12-Mbit/s USB transceiver

– adaptive isochronous endpoint for USB Audio

– USB-programmable vendor IDs (1024-bit EEPROM on chip)

– four general purpose input pins and four output pins (human interface pins)

– customizable I/O functionality by download-software

– supports 16-bit mono/stereo and 24-bit stereo audio data

– adaptive sample rate converter for 5 to 50 kHz input sampling rate

– audio baseband control: bass, treble, volume, and balance, additional analog volume, mute

– bass boost

– automatic gain control (AGC)

– “PerfectSpeaker” digital speaker equalizer

– THD better than 0.01 %, SNR of 96 dB

– integrated low-power stereo headphone amplifier

– on-chip op amps for external analog filter

– analog stereo input (AUX) with source selection and mixing

– single 5-V power supply




Similar Part No. - UAC3552A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
UAC3554B TDK-UAC3554B Datasheet
989Kb / 48P
Universal Serial Bus (USB) Codecs
UAC3555B TDK-UAC3555B Datasheet
989Kb / 48P
Universal Serial Bus (USB) Codecs
UAC3556B TDK-UAC3556B Datasheet
989Kb / 48P
Universal Serial Bus (USB) Codecs
UAC355XB TDK-UAC355XB Datasheet
989Kb / 48P
Universal Serial Bus (USB) Codecs
More results


Similar Description - UAC3552A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBH11A PHILIPS-PDIUSBH11A Datasheet
157Kb / 28P
Universal Serial Bus Hub
1999 Jul 22
logo
Adam Technologies, Inc.
USB-A3-S-1 ADAM-TECH-USB-A3-S-1 Datasheet
90Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA ADAM-TECH-USB-A3-S-RA Datasheet
84Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-1 ADAM-TECH-USB-A3-S-RA-1 Datasheet
84Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-A ADAM-TECH-USB-A3-S-RA-A Datasheet
117Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-A-1 ADAM-TECH-USB-A3-S-RA-A-1 Datasheet
117Kb / 1P
UNIVERSAL SERIAL BUS
USB-A-S-VT-1 ADAM-TECH-USB-A-S-VT-1 Datasheet
83Kb / 1P
UNIVERSAL SERIAL BUS
USB-A-S-VT-2 ADAM-TECH-USB-A-S-VT-2 Datasheet
83Kb / 1P
UNIVERSAL SERIAL BUS
logo
Kycon, Inc.
KUSB67X-MM-CS1 KYCON-KUSB67X-MM-CS1 Datasheet
6Mb / 1P
Universal Serial Bus
KUSB67X-SMTTH-CS4 KYCON-KUSB67X-SMTTH-CS4 Datasheet
7Mb / 1P
Universal Serial Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com