Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90346CESPF Datasheet (PDF) - Cypress Semiconductor

MB90346CESPF Datasheet PDF - Cypress Semiconductor
Part # MB90346CESPF
Download  MB90346CESPF Download
File Size   16745.99 Kbytes
Page   93 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description F2MC-16LX 16-bit Microcontroller

MB90346CESPF Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90346CESPF Datasheet PDF - Cypress Semiconductor

Part # MB90346CESPF
Download  MB90346CESPF Click to download

File Size   16745.99 Kbytes
Page   93 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description F2MC-16LX 16-bit Microcontroller

MB90346CESPF Datasheet (HTML) - Cypress Semiconductor


MB90346CESPF Product details

F2MC-16LX 16-bit Microcontroller

The MB90340E series with up to 2 FULL-CAN interfaces is especially designed for automotive and other industrial applications. Its main feature are the on-board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full CAN approach.
The power to the MCU core (3 V) is supplied by a built-in regulator circuit, giving these microcontrollers superior performance in terms of power consumption and tolerance to EMI.

Features
CPU
■ Instruction system best suited to controller
    - Wide choice of data types (bit, byte, word, and long word)
    - Wide choice of addressing modes (23 types)
    - Enhanced functionality with signed multiply and divide
    instructions and the RETI instruction
    - Enhanced high-precision computing with 32-bit accumulator
■ Instruction system compatible with high-level language (C language) and multitask
    - Employing system stack pointer
    - Various enhanced pointer indirect instructions
    - Barrel shift instructions
■ Increased processing speed
    - 4-byte instruction queue

Serial interface
■ LIN-UART : 4 channels
    - Equipped with full-duplex double buffer
    - Clock-asynchronous or clock-synchronous serial transmission is available
■ I2C interface : 2 channels (only for devices with a C suffix in the part number)
    - Up to 400 kbps transfer rate

Interrupt controller
■ Powerful 8-level, 34-condition interrupt feature
■ Up to 16 external interrupts are supported
■ Automatic data transfer function independent of CPU
    - Expanded intelligent I/O service function (EI2OS) : up to 16 channels

I/O ports
■ General-purpose input/output port (CMOS output)
    - 80 ports (for devices without an S suffix in the part number - i.e. devices that support the sub clock)
    - 82 ports (for devices with an S suffix in the part number - i.e. devices that do not support the sub clock)

8/10-bit A/D converter
■ 16 channels (only for devices without a C suffix in the part number)
■ 24 channels (only for devices with a C suffix in the part number)
■ Resolution is selectable between 8-bit and 10-bit.
■ Activation by external trigger input is allowed.
■ Conversion time : 3 μs (at 24 MHz machine clock, including sampling time)

Address match detection (program patch) function
■ Detects address matches against 6 address pointers

Timer
■ Time-base timer, watch timer, watchdog timer : 1 channel
■ 8/16-bit PPG timer : 8-bit x 16 channels, or 16-bit x 8 channels
■ 16-bit reload timer : 4 channels
■ 16-bit input/output timer
    - 16-bit free-run timer : 2 channels
    (FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7)
    - 16-bit input capture: (ICU): 8 channels
    - 16-bit output compare: (OCU): 8 channels

Full-CAN controller
■ Up to 2 channels
■ Compliant with Ver2.0A and Ver2.0B CAN specifications
■ 16 built-in message buffers
■ CAN wake-up function

Low power consumption (standby) mode
■ Sleep mode (a mode that halts CPU operating clock)
■ Timebase timer mode (a mode where only the oscillation clock, sub clock, timebase timer and watch timer operate)
■ Watch mode (a mode that operates sub clock and watch timer only)
■ Stop mode (a mode that stops oscillation clock and sub clock)
■ CPU intermittent operation mode

Clock modulation circuit
Technology
■ CMOS technology




Similar Part No. - MB90346CESPF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90346CESPF FUJITSU-MB90346CESPF Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
MB90346CESPFV FUJITSU-MB90346CESPFV Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Similar Description - MB90346CESPF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90M405 FUJITSU-MB90M405 Datasheet
213Kb / 28P
F2MC-16LX FAMILY 16-BIT MICROCONTROLLERS HARDWARE MANUAL ABSTRACTS
logo
Cypress Semiconductor
MB90F543G CYPRESS-MB90F543G Datasheet
5Mb / 70P
CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
F2MC-16FX 16-Bit Microcontroller
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
F2MC-16FX 16-bit Microcontroller
MB90350 CYPRESS-MB90350 Datasheet
1Mb / 83P
F2MC-16LX 16-bit Microcontroller
MB90387 CYPRESS-MB90387 Datasheet
1Mb / 82P
16-bit Microcontrollers F2MC-16LX
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
F2MC-16FX, 16-bit Microcontroller
MB96380 CYPRESS-MB96380 Datasheet
9Mb / 117P
F2MC-16FX 16-bit Proprietary Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
F2MC-16FX 16-Bit Microcontroller
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com