Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9461 Datasheet (PDF) - Vishay Siliconix

DG9461 Datasheet PDF - Vishay Siliconix
Part # DG9461
Download  DG9461 Download
File Size   80.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single SPDT Analog Switch

DG9461 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9461 Datasheet PDF - Vishay Siliconix

Part # DG9461
Download  DG9461 Click to download

File Size   80.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single SPDT Analog Switch

DG9461 Datasheet (HTML) - Vishay Siliconix


DG9461 Product details

DESCRIPTION
The DG9461 is a single-pole/double-throw monolithic CMOS analog device designed for high performance switching of analog signals. Combining low power, high speed (tON: 35 ns, tOFF: 20 ns), low on-resistance (rDS(on): 40 Ω) and small physical size (TSOP-6), the DG9461 is ideal for portable and battery powered applications requiring high performance and efficient use of board space.

FEATURES
• Low Voltage Operation (+ 2.7 to + 5 V)
• Low On-Resistance - rDS(on): 40 Ω
• Fast Switching - tON: 35 ns, tOFF: 20 ns
• Low Leakage - ICOM(on): 200 pA max
• Low Charge Injection - QINJ: 1 pC
• Low Power Consumption
• TTL/CMOS Compatible
• ESD Protection > 2000 V (Method 3015.7)
• Available in TSOP-6 and SOIC-8

BENEFITS
• Reduced Power Consumption
• Simple Logic Interface
• High Accuracy
• Reduce Board Space (TSOP-6)

APPLICATIONS
• Battery Operated Systems
• Portable Test Equipment
• Sample and Hold Circuits
• Cellular Phones
• Communication Systems
• Military Radio
• PBX, PABX Guidance and Control Systems




Similar Part No. - DG9461

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9461 VISHAY-DG9461 Datasheet
113Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG9461DV-T1 VISHAY-DG9461DV-T1 Datasheet
113Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG9461DV-T1-E3 VISHAY-DG9461DV-T1-E3 Datasheet
113Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG9461DY-T1 VISHAY-DG9461DY-T1 Datasheet
113Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG9461DY-T1-E3 VISHAY-DG9461DY-T1-E3 Datasheet
113Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
More results


Similar Description - DG9461

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
Low-Voltage Single SPDT Analog Switch
30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG2002 VISHAY-DG2002 Datasheet
136Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com