Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEC15 Datasheet (PDF) - List of Unclassifed Manufacturers

FEC15 Datasheet PDF - List of Unclassifed Manufacturers
Part # FEC15
Download  FEC15 Download
File Size   135.08 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 15WATT DC-DC CONVERTER

FEC15 Datasheet (PDF)

Go To PDF Page Download Datasheet
FEC15 Datasheet PDF - List of Unclassifed Manufacturers

Part # FEC15
Download  FEC15 Click to download

File Size   135.08 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 15WATT DC-DC CONVERTER

FEC15 Datasheet (HTML) - List of Unclassifed Manufacturers


FEC15 Product details

[P-DUKE]

The FEC15 series offer 15 watts of output power from a 2 x 1 x 0.4 inch package. The FEC15 series with 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. The FEC15 features 1600VDC of isolation, short-circuit and over-voltage protection, as well as six sided shielding. A safety approval to EN60950-1 and UL60950-1. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications.
   
• 15 WATTS OUTPUT POWER
• 2:1 WIDE INPUT VOLTAGE RANGE
• INTERNATIONAL SAFETY STANDARD APPROVAL
• SIX-SIDED CONTINUOUS SHIELD
• HIGH EFFICIENCY UP TO 88%
• STANDARD 2” X 1” X 0.4” PACKAGE
• FIXED SWITCHING FREQUENCY
   




Similar Part No. - FEC15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC15 ASTRODYNE-FEC15 Datasheet
369Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
FEC15-12D05 ASTRODYNE-FEC15-12D05 Datasheet
369Kb / 3P
Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FEC15-12D05 P-DUKE-FEC15-12D05 Datasheet
281Kb / 3P
15 WATTS OUTPUT POWER
logo
Volgen Kaga Electronics...
FEC15-12D05 VOLGEN-FEC15-12D05 Datasheet
252Kb / 2P
SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
logo
Power Mate Technology C...
FEC15-12D05 P-DUKE-FEC15-12D05 Datasheet
292Kb / 3P
15 WATTS DC-DC CONVERTER
More results


Similar Description - FEC15

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z Datasheet
332Kb / 4P
15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
15Watt | DC-DC Converter
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
15Watt - AC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com