Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFBR-2422CZ Datasheet (PDF) - Broadcom Corporation.

AFBR-2422CZ Datasheet PDF - Broadcom Corporation.
Part # AFBR-2422CZ
Download  AFBR-2422CZ Download
File Size   391.98 Kbytes
Page   25 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports

AFBR-2422CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFBR-2422CZ Datasheet PDF - Broadcom Corporation.

Part # AFBR-2422CZ
Download  AFBR-2422CZ Click to download

File Size   391.98 Kbytes
Page   25 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports

AFBR-2422CZ Datasheet (HTML) - Broadcom Corporation.


AFBR-2422CZ Product details

Features
 RoHS compliant
 Low-cost transmitters and receivers
 Choice of ST, SMA, SC, or FC ports
 820 nm wavelength technology
 Signal rates up to 160 MBaud
 Link distances up to several kilometers
 Compatible with 50/125 μm, 62.5/125 μm, 100/140 μm, and 200 μm Plastic-Clad Silica (PCS) Fiber
 Repeatable ST connections within 0.2 dB typical
 Unique optical port design for effi cient coupling
 Pick and place, and wave solderable
 No board-mounting hardware required
 Wide operating temperature range –40°C to +85°C
 Conductive port option

Applications
 100BASE-SX Fast Ethernet on 850 nm
 Media/fi ber conversion, switches, routers, hubs, and NICs on 100BASE-SX
 Local area networks
 Computer-to-peripheral links and computer monitor links
 Digital cross connect links
 Central offi ce switch/PBX links
 Video links
 Modems and multiplexers
 Suitable for Tempest systems
 Industrial control links




Similar Part No. - AFBR-2422CZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2408Z AVAGO-AFBR-2408Z Datasheet
239Kb / 6P
DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
50 MBd Miniature Link Fiber Optic Receiver
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
50 MBd Miniature Link Fiber Optic Receiver
AFBR-2418MZ AVAGO-AFBR-2418MZ Datasheet
239Kb / 6P
DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-2418TZ AVAGO-AFBR-2418TZ Datasheet
239Kb / 6P
DC-50MBd Miniature Link Fiber Optic Receiver
More results


Similar Description - AFBR-2422CZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
700Kb / 31P
Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
SC & FC/PC3 Pull-Proof Fiber Optic Connectors
May-1993
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
50 MBd Miniature Link Fiber Optic Receiver
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
Threaded ST Port Option for Low Cost Miniature Link Components
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
AFBR-24X8XZ AVAGO-AFBR-24X8XZ Datasheet
239Kb / 6P
DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-24X9XZ AVAGO-AFBR-24X9XZ Datasheet
246Kb / 6P
50 MBd Miniature Link Fiber Optic Receiver
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com