Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8611 Datasheet (PDF) - Analog Devices

ADM8611 Datasheet PDF - Analog Devices
Part # ADM8611
Download  ADM8611 Download
File Size   109.32 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70

ADM8611 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM8611 Datasheet PDF - Analog Devices

Part # ADM8611
Download  ADM8611 Click to download

File Size   109.32 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70

ADM8611 Datasheet (HTML) - Analog Devices


ADM8611 Product details

GENERAL DESCRIPTION
The ADM8611/ADM8616/ADM8617/ADM8618 are supervisory circuits which monitor power supply voltage levels and code execution integrity in microprocessor-based systems. A power-on-reset signal is generated when the supply voltage rises to a preset threshold level. The ADM8611’s debounced manual reset input can be used to initiate a reset by means of an external push-button or logic signal. The ADM8616–ADM8618 have an on-chip watchdog timer which can reset the microprocessor if it fails to strobe within a preset timeout period.

FEATURES
   Precision 1.8V to 5V Power Supply Monitoring
   9 Reset Threshold Options:
      1.58V to 4.63V
   140ms (Min) Reset Timeout
   Manual Reset Input (ADM8611)
   Watchdog Timer (ADM8616–ADM8618)
   Reset Output Stages
      Push-Pull Active-Low
      Open-Drain Active-Low
      Push-Pull Active-High
   Low Power Consumption (3µA)
   Guaranteed Reset Output valid to VCC=1V
   Power Supply Glitch Immunity
   Specified Over -40°C to +85°C Temperature Range
   4-Lead SC70 Package

APPLICATIONS
   Microprocessor Systems
   Computers
   Controllers
   Intelligent Instruments
   Portable Equipment




Similar Part No. - ADM8611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611-EVALZ AD-ADM8611-EVALZ Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611N263ACBZ-R7 AD-ADM8611N263ACBZ-R7 Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611N293ACBZ-R7 AD-ADM8611N293ACBZ-R7 Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
More results


Similar Description - ADM8611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM823 AD-ADM823 Datasheet
180Kb / 10P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
ADM823_VC AD-ADM823_VC Datasheet
197Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM8616 AD-ADM8616_07 Datasheet
278Kb / 12P
Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM823RYRJZ-R7 AD-ADM823RYRJZ-R7 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM8616 AD-ADM8616_15 Datasheet
278Kb / 12P
Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8617 AD-ADM8617_15 Datasheet
278Kb / 12P
Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com