Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT8375 Datasheet (PDF) - Synaptics Incorporated.

BT8375 Datasheet PDF - Synaptics Incorporated.
Part # BT8375
Download  BT8375 Download
File Size   1983.24 Kbytes
Page   323 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces

BT8375 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT8375 Datasheet PDF - Synaptics Incorporated.

Part # BT8375
Download  BT8375 Click to download

File Size   1983.24 Kbytes
Page   323 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces

BT8375 Datasheet (HTML) - Synaptics Incorporated.


BT8375 Product details

Fully Integrated T1/E1 Framer and Line Interface

The Bt8370/8375/8376 is a family of single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces, operating at 1.544 Mbps or 2.048 Mbps. These devices combine a sophisticated framer, transmit and receive slip buffers, and an on-chip physical line interface to provide a complete T1/E1 transceiver.
The fully featured Bt8370 and short-haul Bt8375 and Bt8376 devices provide a programmable clock rate adapter for simplifying system bus interfacing. The adapter synthesizes standard clock signals from the receive or transmit line rate clocks or from an external reference

Distinguishing Features
• Single-chip T1/E1 framer with short/long-haul physical line interface
• Frames to popular T1/E1 standards:
   – T1: SF, ESF, SLC 96, T1DM
   – E1: PCM-30, G.704, G.706, G.732 ISDN primary rate
• On-chip physical line interface compatible with:
   – DSX-1/E1 short-haul signals
   – DS-1 (T1.403) and ETSI long-haul signals
• Two-frame transmit and receive PCM slip buffers
• Clock rate adapter synthesizes jitter
   attenuated system clocks from an internal or external reference
• Parallel 8-bit microprocessor port supports Intel or Motorola buses
• Automated Facility Data Link (FDL) management
• BERT generation and counting
• Two full-duplex HDLC controllers for data link and LAPD/SS7 signaling
• B8ZS/HDB3/Bit 7 zero suppression
• 80-pin MQFP surface-mount package
• Operates from a single +5 Vdc ±5% power supply
• Low-power CMOS technology

Applications
• T1/E1 Channel Service Unit/Data Service Unit (CSU/DSU)
• Digital Access Cross-Connect Systems (DACS)
• T1/E1 Multiplexer (MUX)
• PBXs and PCM channel bank
• T1/E1 HDSL terminal unit
• ISDN Primary Rate Access (PRA)




Similar Part No. - BT8375

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
Dual-Mode UART HCI Module
BT830 LSTD-BT830 Datasheet
335Kb / 2P
Bluetooth v4.0 Class 1 UART HCI Modules
20 Nov 15
BT830-SA LSTD-BT830-SA Datasheet
2Mb / 40P
Dual-Mode UART HCI Module
BT830-SA LSTD-BT830-SA Datasheet
335Kb / 2P
Bluetooth v4.0 Class 1 UART HCI Modules
20 Nov 15
BT830-ST LSTD-BT830-ST Datasheet
2Mb / 40P
Dual-Mode UART HCI Module
More results


Similar Description - BT8375

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-16100 RHOMBUS-IND-T-16100 Datasheet
70Kb / 2P
T1 / E1 / ISDN PRI Quad T1/E1
logo
PCA ELECTRONICS INC.
EPA3296S PCA-EPA3296S Datasheet
41Kb / 1P
T1/E1 ISDN Transformer
EPA3492S PCA-EPA3492S Datasheet
88Kb / 1P
T1/E1 and ISDN-PRI Transformer
EPA4027S PCA-EPA4027S Datasheet
88Kb / 1P
T1/E1 and ISDN-PRI Transformer
logo
XFMRS Inc.
XF0023E2 XFMRS-XF0023E2 Datasheet
33Kb / 1P
T1/E1/ISDN-PRI
XF0023E4 XFMRS-XF0023E4 Datasheet
33Kb / 1P
T1/E1/ISDN-PRI
XF0023E9 XFMRS-XF0023E9 Datasheet
41Kb / 1P
T1/E1/ISDN-PRI
XF0023E12 XFMRS-XF0023E12 Datasheet
43Kb / 1P
T1/E1/ISDN-PRI
logo
Bothhand USA, LP.
S4937A BOTHHAND-S4937A Datasheet
20Kb / 1P
ISDN T1/E1 TRANSFORMER
logo
Allied Components Inter...
AHSC-1608S ALLIED-AHSC-1608S Datasheet
289Kb / 1P
T1/E1/CEPT/ISDN - Primary Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com