Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHP70.2 Datasheet (PDF) - Cree, Inc

XHP70.2 Datasheet PDF - Cree, Inc
Part # XHP70.2
Download  XHP70.2 Download
File Size   2016.6 Kbytes
Page   29 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Available in white, configurable to 6 V or 12 V by PCB layout

XHP70.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
XHP70.2 Datasheet PDF - Cree, Inc

Part # XHP70.2
Download  XHP70.2 Click to download

File Size   2016.6 Kbytes
Page   29 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Available in white, configurable to 6 V or 12 V by PCB layout

XHP70.2 Datasheet (HTML) - Cree, Inc




Similar Part No. - XHP70.2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
XLamp XHP70 LEDs
Rev 1G
XHP70A-00-0000-0D00M40E4 CREE-XHP70A-00-0000-0D00M40E4 Datasheet
1Mb / 31P
XLamp XHP70 LEDs
Rev 1G
XHP70A-00-0000-0D00M40E5 CREE-XHP70A-00-0000-0D00M40E5 Datasheet
1Mb / 31P
XLamp XHP70 LEDs
Rev 1G
XHP70A-00-0000-0D00N20CB CREE-XHP70A-00-0000-0D00N20CB Datasheet
1Mb / 31P
XLamp XHP70 LEDs
Rev 1G
XHP70A-00-0000-0D00N20DT CREE-XHP70A-00-0000-0D00N20DT Datasheet
1Mb / 31P
XLamp XHP70 LEDs
Rev 1G
More results


Similar Description - XHP70.2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476A AD-AD7476A Datasheet
580Kb / 24P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
3/04-Data Sheet changed from REV. B to REV. C.
logo
Texas Instruments
SN74AC04PWR TI-SN74AC04PWR Datasheet
1Mb / 20P
2-V to 6-V VCC Operation, Inputs Accept Voltages to 6 V
logo
Analog Devices
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
logo
P-tec Corporation
PL22-CDR21 P-TEC-PL22-CDR21_14 Datasheet
75Kb / 1P
Available in Color, White
logo
Analog Devices
ADA4571R-EBZ AD-ADA4571R-EBZ Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
logo
Tyco Electronics
PTH MACOM-PTH Datasheet
333Kb / 4P
6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
Leiterplatten-Layout PCB Layout
21.08.2019
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com