Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5X20 Datasheet (PDF) - Schurter Inc.

SA5X20 Datasheet PDF - Schurter Inc.
Part # SA5X20
Download  SA5X20 Download
File Size   231.91 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC

SA5X20 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5X20 Datasheet PDF - Schurter Inc.

Part # SA5X20
Download  SA5X20 Click to download

File Size   231.91 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC

SA5X20 Datasheet (HTML) - Schurter Inc.




Similar Part No. - SA5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SA5X20 SCHURTER-SA5X20 Datasheet
242Kb / 3P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
SA5X20 SCHURTER-SA5X20_V01 Datasheet
242Kb / 3P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
More results


Similar Description - SA5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
A12FA250V SCHURTER-A12FA250V Datasheet
386Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
00340903 SCHURTER-00340903 Datasheet
243Kb / 2P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
00341001 SCHURTER-00341001 Datasheet
264Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
0034.0903 SCHURTER-0034.0903 Datasheet
202Kb / 2P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_18 Datasheet
271Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_V01 Datasheet
210Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
29.09.2021
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA250V SCHURTER-A12FA250V_V02 Datasheet
273Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
SA5X20 SCHURTER-SA5X20_V01 Datasheet
242Kb / 3P
Miniature Fuse, 5 x 20 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
SA6.3X32 SCHURTER-SA6.3X32_V01 Datasheet
183Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
09.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com