Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK130 Datasheet (PDF) - Anaren Microwave

MSK130 Datasheet PDF - Anaren Microwave
Part # MSK130
Download  MSK130 Download
File Size   466.77 Kbytes
Page   6 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP

MSK130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK130 Datasheet PDF - Anaren Microwave

Part # MSK130
Download  MSK130 Click to download

File Size   466.77 Kbytes
Page   6 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP

MSK130 Datasheet (HTML) - Anaren Microwave


MSK130 Product details

DESCRIPTION:
The MSK130 is a high speed, high voltage differential amplifier designed for output currents up to ±200mA. Since the MSK130 utilizes external compensation, it exhibits wide bandwidth and greater stability over a wide gain range. High frequency, high voltage instrumentation circuits and electrostatic transducers are just a sample of the applications that the MSK130 is well suited for. The device is packaged in a 10 pin insulated ceramic SIP with holes for direct heat sink attachment.

FEATURES:
• Wide Supply Voltage Range 15V to 400V
• Fast Slew Rate - 300 V/µS Typ.
• FET Input - Accurate DC Specifications
• Electrically Isolated Case
• Low Cost Innovative Packaging
• Very Low Quiescent Current - 6mA Typ.
• Output Current to ±200mA
• Adjustable Current Limit

TYPICAL APPLICATIONS
• Ultra-High Voltage Supplies
• FET Input Instrumentation Amplifiers
• Electrostatic Deflection
• Electrostatic Transducers
• Piezo Transducer Excitation




Similar Part No. - MSK130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK130 ETC1-MSK130 Datasheet
331Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130 Datasheet
341Kb / 5P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
MSK130 MSK-MSK130_15 Datasheet
178Kb / 6P
Low Cost Innovative Packaging
More results


Similar Description - MSK130

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
List of Unclassifed Man...
MSK130 ETC1-MSK130 Datasheet
331Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130 Datasheet
341Kb / 5P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
Differential, High Speed Op Amp
November 29, 2011
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
LMH6550 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com