Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2589 Datasheet (PDF) - Micrel Semiconductor

MIC2589 Datasheet PDF - Micrel Semiconductor
Part # MIC2589
Download  MIC2589 Download
File Size   100.87 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS

MIC2589 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2589 Datasheet PDF - Micrel Semiconductor

Part # MIC2589
Download  MIC2589 Click to download

File Size   100.87 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS

MIC2589 Datasheet (HTML) - Micrel Semiconductor


MIC2589 Product details

General Description
The MIC2589 and MIC2595 are single-channel, negative voltage hot swap controllers designed to address the need for safe insertion and removal of circuit boards into “live” system backplanes, while using few external components. The MIC2589/MIC2589R and the MIC2595/MIC2595R are each available in 14-pin SOIC packaging and work in conjunction with an external N-Channel MOSFET for which the gate drive is controlled to provide inrush current limiting and output voltage slew-rate control. Overcurrent fault protection is also provided via a programmable overcurrent threshold and filter. Very fast fault response is provided to ensure that system power supplies maintain regulation even during output short circuits.

Features
• Provides safe insertion and removal from live –48V (nominal) backplanes
• Operates from –19V to –80V
• Fast responding circuit breaker (<1µs) to short circuit conditions
• User-programmable overcurrent detector response time
• Electronic circuit breaker function:
    Output latch OFF (MIC2589/MIC2595)
    Output auto-retry (MIC2589R/MIC2595R)
• Active current regulation to control inrush currents
• Programmable undervoltage and overvoltage lockouts (MIC2589/MIC2589R)
• Programmable UVLO hysteresis (MIC2595/MIC2595R)
• Staggered ‘Power-Good’ output signals provide load sequencing
    Active-HIGH (-1)
    Active-LOW (-2)

Applications
• Central office switching
• –48V power distribution
• Distributed power systems
• AdvancedTCA




Similar Part No. - MIC2589

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589 Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589 Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589-1BM MICREL-MIC2589-1BM Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589-1BM MICREL-MIC2589-1BM Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589-2BM MICREL-MIC2589-2BM Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results


Similar Description - MIC2589

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5904 MAXIM-MAX5904 Datasheet
526Kb / 22P
Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
19-2238; Rev 2; 11/03
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
logo
Micrel Semiconductor
MIC2588 MICREL-MIC2588 Datasheet
83Kb / 14P
Single-Channel, Negative High-Voltage Hot Swap Power Controllers
logo
Maxim Integrated Produc...
MAX5929 MAXIM-MAX5929 Datasheet
574Kb / 25P
Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 1; 1/04
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
Negative Voltage Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5927A MAXIM-MAX5927A Datasheet
346Kb / 23P
Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
logo
Micrel Semiconductor
MIC2588 MICREL-MIC2588_05 Datasheet
1Mb / 21P
Single-Channel, Negative High-Voltage Hot Swap Power Controllers
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
Negative Voltage Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5904 MAXIM-MAX5904_V01 Datasheet
634Kb / 24P
Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com